Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2747MTCX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2747MTCX
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2747MTCX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2747MTCX Datasheet HTML 1Page - National Semiconductor (TI) LM2747MTCX Datasheet HTML 2Page - National Semiconductor (TI) LM2747MTCX Datasheet HTML 3Page - National Semiconductor (TI) LM2747MTCX Datasheet HTML 4Page - National Semiconductor (TI) LM2747MTCX Datasheet HTML 5Page - National Semiconductor (TI) LM2747MTCX Datasheet HTML 6Page - National Semiconductor (TI) LM2747MTCX Datasheet HTML 7Page - National Semiconductor (TI) LM2747MTCX Datasheet HTML 8Page - National Semiconductor (TI) LM2747MTCX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM2747
Synchronous Buck Controller with Pre-bias Startup, and
Optional Clock Synchronization
General Description
The LM2747 is a high-speed synchronous buck regulator
controller with a feedback voltage accuracy of ±1%. It can
provide simple down conversion to output voltages as low as
0.6V. Though the control section of the IC is rated for 3 to 6V,
the driver section is designed to accept input supply rails as
high as 14V. The use of adaptive non-overlapping MOSFET
gate drivers helps avoid potential shoot-through problems
while maintaining high efficiency. The IC is designed for the
more cost-effective option of driving only N-channel MOS-
FETs in both the high-side and low-side positions. It senses
the low-side switch voltage drop for providing a simple,
adjustable current limit.
The LM2747 features a fixed-frequency voltage-mode PWM
control architecture which is adjustable from 50 kHz to 1
MHz with one external resistor. In addition, the LM2747 also
allows the switching frequency to be synchronized to an
external clock signal over the range of 250 kHz to 1 MHz.
This wide range of switching frequency gives the power
supply designer the flexibility to make better tradeoffs be-
tween component size, cost and efficiency.
Features include the ability to startup with a pre-biased load
on the output, soft-start, input undervoltage lockout (UVLO)
and Power Good (based on both undervoltage and overvolt-
age detection). In addition, the shutdown pin of the IC can be
used for providing startup delay, and the soft-start pin can be
used for implementing precise tracking, for the purpose of
sequencing with respect to an external rail.
Features
n ±
1% feedback voltage accuracy over temperature
n
Switching frequency from 50 kHz to 1 MHz
n
Switching frequency synchronize range 250 kHz to 1
MHz
n
Startup with a pre-biased output load
n
Power stage input voltage from 1V to 14V
n
Control stage input voltage from 3V to 6V
n
Output voltage adjustable down to 0.6V
n
Power Good flag and shutdown
n
Output overvoltage and undervoltage detection
n
Low-side adjustable current sensing
n
Adjustable soft-start
n
Tracking and sequencing with shutdown and soft start
pins
n
TSSOP-14 package
Applications
n
Down Conversion from 3.3V
n
Cable Modem, DSL and ADSL
n
Laser Jet and Ink Jet Printers
n
Low Voltage Power Modules
n
DSP, ASIC, Core and I/O
Typical Application
20150901
March 2006
© 2006 National Semiconductor Corporation
DS201509
www.national.com


Similar Part No. - LM2747MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2747MTCX/NOPB TI-LM2747MTCX/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
More results

Similar Description - LM2747MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com