Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW080510R0F Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CRCW080510R0F
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CRCW080510R0F Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CRCW080510R0F Datasheet HTML 2Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 3Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 4Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 5Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 6Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 7Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 8Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 9Page - National Semiconductor (TI) CRCW080510R0F Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Typical Performance Characteristics (Continued)
Start-Up (No-Load)
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
C
SS = 12 nF, fSW = 1 MHz
Shutdown (Full-Load)
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
I
OUT = 3A, CSS = 12 nF, fSW = 1 MHz
20150949
20150950
Load Transient Response
V
CC = 3.3V, VIN = 14V, VOUT = 1.2V
f
SW = 1 MHz
Line Transient Response (V
IN =3Vto9V)
V
CC = 3.3V, VOUT = 1.2V
I
OUT = 2A, fSW = 1 MHz
20150953
20150954
Frequency vs. Frequency Adjust Resistor
Maximum Duty Cycle vs Frequency
V
CC = 3.3V
20150955
20150992
www.national.com
6


Similar Part No. - CRCW080510R0F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CRCW080510R0FKEA NXP-CRCW080510R0FKEA Datasheet
319Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 09/2018
CRCW080510R0FKEA NXP-CRCW080510R0FKEA Datasheet
571Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifiers
CRCW080510R0FKEA NXP-CRCW080510R0FKEA Datasheet
207Kb / 13P
   Airfast RF Power GaN Transistor
Rev. 3 - November 2022
logo
Analog Technologies, In...
CRCW080510R0FKEAC ANALOGTECHNOLOGIES-CRCW080510R0FKEAC Datasheet
1Mb / 20P
   MagI3C Power Modules DNS005 MagI3C Multi Color LED Driver
V1.0
More results

Similar Description - CRCW080510R0F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com