Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC695F Datasheet(PDF) 11 Page - ATMEL Corporation

Part # TSC695F
Description  Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TSC695F Datasheet HTML 7Page - ATMEL Corporation TSC695F Datasheet HTML 8Page - ATMEL Corporation TSC695F Datasheet HTML 9Page - ATMEL Corporation TSC695F Datasheet HTML 10Page - ATMEL Corporation TSC695F Datasheet HTML 11Page - ATMEL Corporation TSC695F Datasheet HTML 12Page - ATMEL Corporation TSC695F Datasheet HTML 13Page - ATMEL Corporation TSC695F Datasheet HTML 14Page - ATMEL Corporation TSC695F Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11
TSC695F
4118H–AERO–06/03
Timers
In software debug mode the timers are controlled by a system register bit and the exter-
nal pin DEBUG.
General Purpose Timer
The General Purpose Timer (GPT) provides, in addition to a generalized counter func-
tion, a mechanism for setting the step size in which actual time counts are performed.
GPT is clocked by the internal system clock. They are possible to program to be either
of single-shot type or periodical type and in both cases generate an interrupt when the
delay time has elapsed. The current value of the scaler and counter of the GPT can be
read.
Real Time Clock Timer
The only functional differences between the two timers are that the Real Time Clock
Timer (RTCT) has an 8-bit scaler (16-bit scaler for GPT) and that the RTCT interrupt has
higher priority than the GPT interrupt.
RTCT information is available on RTC output pin.
Watchdog Timer
Setting the external pin IWDE to V
CC enables the internal watchdog timer. Otherwise the
watchdog function must be externally provided.
The watchdog is supplied from a separate external input (WDCLK). After reset, the timer
is enabled and starts running with the maximum range. If the timer is not refreshed
(reprogrammed) before the counter reaches zero value, an interrupt is sent. Simulta-
neously, the timer starts counting a reset time-out period. If the timer is not
acknowledged before the reset time-out period elapses, a reset is applied to TSC695F.
UARTs
Two full duplex asynchronous receiver transmitters (UART) are included. In software
debug mode the UART’s are controlled by system register bits.
The data format of the UART’s is eight bits. It is possible to choose between even or odd
parity, or no parity, and between one and two stop bits. The UART’s provide double buff-
ering, i.e. each UART consists of a transmitter holding register, a receiver holding
register, a transmitter shift register, and a receiver shift register. Each of these registers
are 8-bit wide. For each UART a RX and TX Register is provided. The UART’s generate
an interrupt each time a byte has been received or a byte has been sent. There is
another interrupt to indicate errors.
The baud rate of both the UART’s is programmable. The clock is derived either from the
system clock or can use the watchdog clock.
General Purpose Interface
The General Purpose Interface (GPI) is an 8-bit parallel I/O port. Each pin can be config-
ured as an input or an output.
A falling or rising edge detection is made on each selected GPI inputs. Every input tran-
sition on GPI generates an external positive pulse on GPIINT pin of two SYSCLK width.
Execution Modes
Reset Mode
Reset mode is entered when:
The SYSRES input is asserted
Software reset which is caused by the software writing to a Software Reset
Register
Watchdog reset which is caused by a Watchdog counter time-out
Error reset which is caused by a hardware parity error


Similar Part No. - TSC695F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MA ATMEL-TSC695F-25MA Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MA-E ATMEL-TSC695F-25MA-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F-25MB-E ATMEL-TSC695F-25MB-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
More results

Similar Description - TSC695F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com