Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0034MA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0034MA
Description  Adaptive Cable Equalizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0034MA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH0034MA Datasheet HTML 1Page - National Semiconductor (TI) LMH0034MA Datasheet HTML 2Page - National Semiconductor (TI) LMH0034MA Datasheet HTML 3Page - National Semiconductor (TI) LMH0034MA Datasheet HTML 4Page - National Semiconductor (TI) LMH0034MA Datasheet HTML 5Page - National Semiconductor (TI) LMH0034MA Datasheet HTML 6Page - National Semiconductor (TI) LMH0034MA Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
BR
SDI
Input Data Rate
SDI, SDI
143
1485
Mbps
Maximum Equalized Cable
Length (with equalizer
pathological)
270 Mbps, Belden 1694A,
0.2UI output jitter, (Note 4)
350
m
270 Mbps, Belden 8281,
0.2UI output jitter, (Note 4)
280
m
1.485 Gbps, Belden 1694A,
0.25UI output jitter, (Note 4)
140
m
1.485 Gbps, Belden 8281,
0.25UI output jitter, (Note 4)
100
m
t
r,tf
Output Rise Time, Fall Time
20% – 80%, (Note 4)
SDO, SDO
100
220
ps
Mismatch in Rise/Fall Time
(Note 4)
2
15
ps
t
OS
Output Overshoot
(Note 4)
1
5
%
R
OUT
Output Resistance
single-ended, (Note 5)
50
RL
IN
Input Return Loss
(Note 8)
SDI, SDI
15
18-20
dB
R
IN
Input Resistance
single-ended
1.3
k
C
IN
Input Capacitance
single-ended, (Note 5)
1
pF
Note 1: "Absolute Maximum Ratings" are those parameter values beyond which the life and operation of the device cannot be guaranteed. The stating herein of
these maximums shall not be construed to imply that the device can or should be operated at or beyond these values. The table of "Electrical Characteristics"
specifies acceptable device operating conditions.
Note 2: Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated referenced to VEE = 0 Volts.
Note 3: Typical values are stated for VCC = +3.3V and TA = +25˚C.
Note 4: Specification is guaranteed by characterization.
Note 5: Specification is guaranteed by design.
Note 6: The maximum input voltage swing assumes a nonstressing, DC-balance signal; specifically, the SMPTE-recommended color bar test signal. Pathological
or other stressing signals may not be used. This specification is for 0m cable only.
Note 7: Supply current depends on the amount of cable being equalized. The current is highest for short cable and decreases as the cable length is increased. Refer
to Figures 1, 2.
Note 8: Input return loss is dependent on board design. The LMH0034 meets this specification on the SD034 evaluation board from 5MHz to 1.5GHz.
www.national.com
3


Similar Part No. - LMH0034MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0034MA NSC-LMH0034MA Datasheet
267Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034MA NSC-LMH0034MA Datasheet
296Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034MA/NOPB TI1-LMH0034MA/NOPB Datasheet
705Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034MAX/NOPB TI1-LMH0034MAX/NOPB Datasheet
705Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
More results

Similar Description - LMH0034MA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com