Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70EPF12 Datasheet(PDF) 4 Page - International Rectifier

Part # 70EPF12
Description  FAST SOFT RECOVERY RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70EPF12 Datasheet(HTML) 4 Page - International Rectifier

  70EPF12 Datasheet HTML 1Page - International Rectifier 70EPF12 Datasheet HTML 2Page - International Rectifier 70EPF12 Datasheet HTML 3Page - International Rectifier 70EPF12 Datasheet HTML 4Page - International Rectifier 70EPF12 Datasheet HTML 5Page - International Rectifier 70EPF12 Datasheet HTML 6Page - International Rectifier 70EPF12 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
70EPF..HV QUIET
IR Series
Bulletin I2155 rev. C 12/02
www.irf.com
Fig.5-MaximumNon-RepetitiveSurgeCurrent
Fig.6-MaximumNon-RepetitiveSurgeCurrent
Fig.7-ForwardVoltageDropCharacteristics
Fig.9-RecoveryTimeCharacteristics,T
J
=150°C
Fig.8-RecoveryTimeCharacteristics,T
J
=25°C
100
200
300
400
500
600
700
800
900
1
10
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
70EPF.. Series
Numberof Equal AmplitudeHalf CycleCurrent Pulses (n)
PulseTrainDuration(s)
100
200
300
400
500
600
700
800
900
1000
0.01
0.1
1
10
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
70EPF.. Series
InstantaneousForwardVoltage(V)
RateOfFallOf ForwardCurrent-dI/dt(A/µs)
RateOfFallOf ForwardCurrent-dI/dt(A/µs)
0
100
200
300
400
500
600
700
0
204060
80
100
1 A
5 A
10 A
30 A
70EPF.. Series
T = 25˚C
J
I
= 70 A
FM
100
200
300
400
500
600
700
800
900
1000
0
20
406080
100
1 A
5 A
10 A
30 A
70EPF.. Series
T = 150˚C
J
I
= 70 A
FM
1
10
100
1000
012345
70EPF.. Series
T = 150˚C
J
T = 25˚C
J


Similar Part No. - 70EPF12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70EPF02 IRF-70EPF02 Datasheet
143Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF02J IRF-70EPF02J Datasheet
143Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF04 IRF-70EPF04 Datasheet
143Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF04J IRF-70EPF04J Datasheet
143Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
70EPF06 IRF-70EPF06 Datasheet
143Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 70EPF12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com