Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC68AT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1.5SMC68AT3
Description  1500 Watt Peak Power Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5SMC68AT3 Datasheet(HTML) 1 Page - ON Semiconductor

  1.5SMC68AT3 Datasheet HTML 1Page - ON Semiconductor 1.5SMC68AT3 Datasheet HTML 2Page - ON Semiconductor 1.5SMC68AT3 Datasheet HTML 3Page - ON Semiconductor 1.5SMC68AT3 Datasheet HTML 4Page - ON Semiconductor 1.5SMC68AT3 Datasheet HTML 5Page - ON Semiconductor 1.5SMC68AT3 Datasheet HTML 6Page - ON Semiconductor 1.5SMC68AT3 Datasheet HTML 7Page - ON Semiconductor 1.5SMC68AT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
April, 2004 − Rev. 5
1
Publication Order Number:
1.5SMC6.8AT3/D
1.5SMC6.8AT3 Series
1500 Watt Peak Power
Zener Transient Voltage
Suppressors
Unidirectional*
The SMC series is designed to protect voltage sensitive
components from high voltage, high energy transients. They have
excellent clamping capability, high surge capability, low zener
impedance and fast response time. The SMC series is supplied in
ON Semiconductor’s exclusive, cost-effective, highly reliable
Surmetic
™ package and is ideally suited for use in communication
systems, automotive, numerical controls, process controls, medical
equipment, business machines, power supplies and many other
industrial/consumer applications.
Specification Features:
Working Peak Reverse Voltage Range − 5.8 to 77.8 V
Standard Zener Breakdown Voltage Range − 6.8 to 91 V
Peak Power − 1500 Watts @ 1.0 ms
ESD Rating of Class 3 (>16 kV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5.0 mA Above 10 V
UL 497B for Isolated Loop Circuit Protection
Maximum Temperature Coefficient Specified
Response Time is Typically < 1.0 ns
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
LEADS:
Modified L−Bend providing more contact area to bond pads
POLARITY:
Cathode indicated by molded polarity notch
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Please See the Table on the Following Page
PLASTIC SURFACE MOUNT
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSORS
5.8 − 78 VOLTS
1500 WATT PEAK POWER
Device**
Package
Shipping
ORDERING INFORMATION
1.5SMCxxxAT3
SMC
2500/Tape & Reel
SMC
CASE 403
PLASTIC
Cathode
Anode
Y
= Year
WW
= Work Week
xxxA
= Specific Device Code
= (See Table on Page 3)
YWW
xxxA
MARKING DIAGRAM
*Bidirectional devices will not be available in this se-
ries.
**The “T3” suffix refers to a 13 inch reel.
http://onsemi.com
Individual devices are listed on page 3 of this data sheet.
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1.5SMCxxxAT3G
SMC
(Pb−Free)
2500/Tape & Reel


Similar Part No. - 1.5SMC68AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5SMC68AT3 ONSEMI-1.5SMC68AT3 Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
1.5SMC68AT3 ONSEMI-1.5SMC68AT3 Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1.5SMC68AT3G ONSEMI-1.5SMC68AT3G Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
1.5SMC68AT3G ONSEMI-1.5SMC68AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
logo
Littelfuse
1.5SMC68AT3G LITTELFUSE-1.5SMC68AT3G Datasheet
767Kb / 5P
   The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
More results

Similar Description - 1.5SMC68AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_07 Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
1.5KE UNIOHM-1.5KE Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com