Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT18502PM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT18502PM
Description  SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18502PM Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ABT18502PM Datasheet HTML 5Page - Texas Instruments SN74ABT18502PM Datasheet HTML 6Page - Texas Instruments SN74ABT18502PM Datasheet HTML 7Page - Texas Instruments SN74ABT18502PM Datasheet HTML 8Page - Texas Instruments SN74ABT18502PM Datasheet HTML 9Page - Texas Instruments SN74ABT18502PM Datasheet HTML 10Page - Texas Instruments SN74ABT18502PM Datasheet HTML 11Page - Texas Instruments SN74ABT18502PM Datasheet HTML 12Page - Texas Instruments SN74ABT18502PM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SN74ABT18502
SCAN TEST DEVICE
WITH 18-BIT REGISTERED BUS TRANSCEIVER
SCBS753 – FEBRUARY 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register (DR)
boundary-scan register (BSR)
The BSR is 84 bits long. It contains one BSC for each normal-function input pin and two BSCs for each
normal-function I/O pin (one for input data and one for output data). The BSR is used 1) to store test data that
is to be applied internally to the inputs of the normal on-chip logic and/or externally to the device output pins,
and/or 2) to capture data that appears internally at the outputs of the normal on-chip logic and/or externally at
the device input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle as determined by the current instruction. At power up or
in Test-Logic-Reset, the value of each BSC is reset to logic 0 except BSCs 83–80, which are reset to logic 1,
ensuring that these cells, which control A-port and B-port outputs are set to benign values (i.e., if test mode were
invoked, the outputs would be at high impedance state). Rest values of other BSCs should be considered
indeterminate.
The BSR order of scan is from TDI through bits 83–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. BSR Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
83
2OEAB
71
2A9-I
53
2A9-O
35
2B9-I
17
2B9-O
82
1OEAB
70
2A8-I
52
2A8-O
34
2B8-I
16
2B8-O
81
2OEBA
69
2A7-I
51
2A7-O
33
2B7-I
15
2B7-O
80
1OEBA
68
2A6-I
50
2A6-O
32
2B6-I
14
2B6-O
79
2CLKAB
67
2A5-I
49
2A5-O
31
2B5-I
13
2B5-O
78
1CLKAB
66
2A4-I
48
2A4-O
30
2B4-I
12
2B4-O
77
2CLKBA
65
2A3-I
47
2A3-O
29
2B3-I
11
2B3-O
76
1CLKBA
64
2A2-I
46
2A2-O
28
2B2-I
10
2B2-O
75
2LEAB
63
2A1-I
45
2A1-O
27
2B1-I
9
2B1-O
74
1LEAB
62
1A9-I
44
1A9-O
26
1B9-I
8
1B9-O
73
2LEBA
61
1A8-I
43
1A8-O
25
1B8-I
7
1B8-O
72
1LEBA
60
1A7-I
42
1A7-O
24
1B7-I
6
1B7-O
––
––
59
1A6-I
41
1A6-O
23
1B6-I
5
1B6-O
––
––
58
1A5-I
40
1A5-O
22
1B5-I
4
1B5-O
––
––
57
1A4-I
39
1A4-O
21
1B4-I
3
1B4-O
––
––
56
1A3-I
38
1A3-O
20
1B3-I
2
1B3-O
––
––
55
1A2-I
37
1A2-O
19
1B2-I
1
1B2-O
––
––
54
1A1-I
36
1A1-O
18
1B1-I
0
1B1-O


Similar Part No. - SN74ABT18502PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT18502PM TI-SN74ABT18502PM Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502PMG4 TI-SN74ABT18502PMG4 Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502PMR TI-SN74ABT18502PMR Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502PMRG4 TI-SN74ABT18502PMRG4 Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
More results

Similar Description - SN74ABT18502PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT18502 TI-SN54ABT18502 Datasheet
409Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502 TI-SN74ABT18502_06 Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN54ABT18502 TI1-SN54ABT18502_14 Datasheet
487Kb / 32P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54LVT18502 TI1-SN54LVT18502_08 Datasheet
504Kb / 31P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18502 TI-SN54LVT18502 Datasheet
405Kb / 29P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com