Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6207A502MR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6207A502MR
Description  CMOS Low Power Consumption
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207A502MR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6207A502MR Datasheet HTML 3Page - Torex Semiconductor XC6207A502MR Datasheet HTML 4Page - Torex Semiconductor XC6207A502MR Datasheet HTML 5Page - Torex Semiconductor XC6207A502MR Datasheet HTML 6Page - Torex Semiconductor XC6207A502MR Datasheet HTML 7Page - Torex Semiconductor XC6207A502MR Datasheet HTML 8Page - Torex Semiconductor XC6207A502MR Datasheet HTML 9Page - Torex Semiconductor XC6207A502MR Datasheet HTML 10Page - Torex Semiconductor XC6207A502MR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
Data Sheet
ud200527
XC6207
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
VGO= VIN, VCE=VIN
IOUT=10mA: High Speed (HS) mode
(*9)
E-0
(*9)
Output Voltage
VOUT(E)
(* 3)
VGO=VSS, VCE=VIN
IOUT=0.1mA: Power Save (PS) mode
(*9)
E-1
(*9)
V
1
Maximum Output Current
IOUTMAX
VCE=VIN
300
-
-
mA
1
Load Regulation
VOUT
VGO=VIN (HS mode), VCE=VIN
1mA ≦IOUT≦100mA
-
15
60
mV
1
Vdif1
VGO= VIN, (HS mode), VCE=VIN,
IOUT=30mA
E-2
Dropout Voltage (* 4)
Vdif2
VGO= VIN (HS mode), VCE=VIN,
IOUT=100mA
E-3
mV
1
Supply Current 1
ISS1
VGO=VIN (HS mode),
VIN=VCE=6.0V, No load
35
50
80
μ
A
2
Supply Current 2
ISS2
VGO=VSS (PS mode),
VIN=VCE=6.0V, No load
-
5.5
8.0
μ
A
2
Standby Current
ISTBY
VIN=6.0V, VCE=VSS
-
0
0.1
μ
A
2
Line Regulation
1.2V≦VOUT(T)<4.5V
VGO=VIN (HS mode),
VOUT(T)+1.0V<VIN<6.0V
VCE=VIN, IOUT=30mA
Line Regulation
4.5V≦VOUT(T)≦5.0V
VOUT
VIN・VOUT
VGO=VIN (HS mode)
5.5V<VIN<6.0V
VCE=VIN, IOUT=30mA
-
0.01
0.20
%/V
1
Input Voltage
VIN
-
2.0
-
6.0
V
1
Output Voltage
Temperature Characteristics
VOUT
Ta・VOUT
VGO=VIN (HS mode)
-40℃<Ta<85℃, VCE=VIN, IOUT=30mA
-
±
100
-
ppm/℃
1
Ripple Rejection Rate
1.2V≦VOUT(T)≦1.25V
VGO= VIN (HS mode), VCE=VIN,
IOUT=30mA, VIN=2.25VDC+0.5Vp-pAC
f=1kHz
Ripple Rejection Rate
1.25V<VOUT(T)<4.75V
VGO= VIN (HS mode),
VCE=VIN, IOUT=30mA ,
VIN={VOUT(T)+1.0V}VDC+0.5Vp-pAC,
f=1kHz
Ripple Rejection Rate
4.75V≦VOUT(T)≦5.0V
PSRR
VGO= VIN (HS mode), VCE=VIN,
IOUT=30mA, VIN=5.75VDC+0.5Vp-pAC
f=1kHz
-
70
-
dB
3
Limit Current
Ilim
VGO= VIN (HS mode), VCE=VIN
300
380
-
mA
1
Short Current
Ishort
VGO= VIN (HS mode), VCE=VIN
VOUT is short-circuited at the VSS level.
-
50
-
mA
1
PS Switching Current
IGOR
VCE=VIN, VGO=VSS,
(HS/PS automatic switching)
IOUT : heavy to light load
0.3
-
-
mA
6
HS Switching Current
IGO
VCE=VIN, VGO=VSS
(HS/PS automatic switching)
IOUT : light to heavy load
-
-
2.0
mA
6
ELECTRICAL CHARACTERISTICS
Ta=25℃
XC6207A/B series


Similar Part No. - XC6207A502MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207A122EL TOREX-XC6207A122EL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ER TOREX-XC6207A122ER Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ML TOREX-XC6207A122ML Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122MR TOREX-XC6207A122MR Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122PL TOREX-XC6207A122PL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6207A502MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com