Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6207B12AEL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6207B12AEL
Description  CMOS Low Power Consumption
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207B12AEL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6207B12AEL Datasheet HTML 5Page - Torex Semiconductor XC6207B12AEL Datasheet HTML 6Page - Torex Semiconductor XC6207B12AEL Datasheet HTML 7Page - Torex Semiconductor XC6207B12AEL Datasheet HTML 8Page - Torex Semiconductor XC6207B12AEL Datasheet HTML 9Page - Torex Semiconductor XC6207B12AEL Datasheet HTML 10Page - Torex Semiconductor XC6207B12AEL Datasheet HTML 11Page - Torex Semiconductor XC6207B12AEL Datasheet HTML 12Page - Torex Semiconductor XC6207B12AEL Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
Data Sheet
ud200527
XC6207
Series
SYMBOL
E-0
E-1
E-2
E-3
SETTING
OUTPUT VOLTAGE
(V)
OUTPUT VOLTAGE
(HS MODE)
(V)
OUTPUT VOLTAGE
(PS MODE)
(V)
DROPOUT
VOLTAGE 1
IOUT=30mA (mV)
DROPOUT
VOLTAGE 2
IOUT=100mA (mV)
VOUT(E)
VOUT(E)
Vdif1
Vdif2
VOUT (T)
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
1.20
1.170
1.20
1.230
1.1550
1.20
1.230
1.25
1.220
1.25
1.280
1.2050
1.25
1.280
800
850
810
860
1.30
1.270
1.30
1.330
1.2550
1.30
1.330
1.35
1.320
1.35
1.380
1.3050
1.35
1.380
700
750
710
760
1.40
1.370
1.40
1.430
1.3550
1.40
1.430
1.45
1.420
1.45
1.480
1.4050
1.45
1.480
600
650
610
660
1.50
1.470
1.50
1.530
1.4550
1.50
1.530
1.55
1.519
1.55
1.581
1.5035
1.55
1.581
500
550
510
560
1.60
1.568
1.60
1.632
1.5520
1.60
1.632
1.65
1.617
1.65
1.683
1.6005
1.65
1.683
400
450
410
460
1.70
1.666
1.70
1.734
1.6490
1.70
1.734
1.75
1.715
1.75
1.785
1.6975
1.75
1.785
300
350
310
360
1.80
1.764
1.80
1.836
1.7460
1.80
1.836
1.85
1.813
1.85
1.887
1.7945
1.85
1.887
200
250
210
260
1.90
1.862
1.90
1.938
1.8430
1.90
1.938
1.95
1.911
1.95
1.989
1.8915
1.95
1.989
100
150
200
250
2.00
1.960
2.00
2.040
1.9400
2.00
2.040
2.05
2.009
2.05
2.091
1.9885
2.05
2.091
2.10
2.058
2.10
2.142
2.0370
2.10
2.142
2.15
2.107
2.15
2.193
2.0855
2.15
2.193
90
245
2.20
2.156
2.20
2.244
2.1340
2.20
2.244
2.25
2.205
2.25
2.295
2.1825
2.25
2.295
2.30
2.254
2.30
2.346
2.2310
2.30
2.346
2.35
2.303
2.35
2.397
2.2795
2.35
2.397
2.40
2.352
2.40
2.448
2.3280
2.40
2.448
2.45
2.401
2.45
2.499
2.3765
2.45
2.499
60
80
180
240
2.50
2.450
2.50
2.550
2.4250
2.50
2.550
2.55
2.499
2.55
2.601
2.4735
2.55
2.601
2.60
2.548
2.60
2.652
2.5220
2.60
2.652
2.65
2.597
2.65
2.703
2.5705
2.65
2.703
2.70
2.646
2.70
2.754
2.6190
2.70
2.754
2.75
2.695
2.75
2.805
2.6675
2.75
2.805
2.80
2.744
2.80
2.856
2.7160
2.80
2.856
2.85
2.793
2.85
2.907
2.7645
2.85
2.907
2.90
2.842
2.90
2.958
2.8130
2.90
2.958
2.95
2.891
2.95
3.009
2.8615
2.95
3.009
50
70
150
220
3.00
2.940
3.00
3.060
2.9100
3.00
3.060
3.05
2.989
3.05
3.111
2.9585
3.05
3.111
3.10
3.038
3.10
3.162
3.0070
3.10
3.162
3.15
3.087
3.15
3.213
3.0555
3.15
3.213
3.20
3.136
3.20
3.264
3.1040
3.20
3.264
3.25
3.185
3.25
3.315
3.1525
3.25
3.315
3.30
3.234
3.30
3.366
3.2010
3.30
3.366
3.35
3.283
3.35
3.417
3.2495
3.35
3.417
3.40
3.332
3.40
3.468
3.2980
3.40
3.468
40
65
120
190
DROPOUT VOLTAGE CHART


Similar Part No. - XC6207B12AEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207B12AEL TOREX-XC6207B12AEL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6207B12AEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com