Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6207B502ML Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6207B502ML
Description  CMOS Low Power Consumption
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207B502ML Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6207B502ML Datasheet HTML 4Page - Torex Semiconductor XC6207B502ML Datasheet HTML 5Page - Torex Semiconductor XC6207B502ML Datasheet HTML 6Page - Torex Semiconductor XC6207B502ML Datasheet HTML 7Page - Torex Semiconductor XC6207B502ML Datasheet HTML 8Page - Torex Semiconductor XC6207B502ML Datasheet HTML 9Page - Torex Semiconductor XC6207B502ML Datasheet HTML 10Page - Torex Semiconductor XC6207B502ML Datasheet HTML 11Page - Torex Semiconductor XC6207B502ML Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
XC6207 Series
Data Sheet
ud200527
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Switch Current Hysteresis Range
IGOhys
IGOhys=IGO- IGOR
-
1.0
-
mA
6
PS Switching Delay Time
TDPS
VCE=VIN, VGO=VSS
(HS/PS automatic switching)
Time until HS mode is changed-over to
PS mode by IGOR
-
-
900
μ
sec
6
CE High Level Voltage
VCEH
VGO=VIN, no load
Voltage which enters into the state of
operation when the CE is applied voltage
1.6
-
-
V
4
CE Low Level Voltage
VCEL
VGO=VIN, no load
Voltage which enters into the state of
standby when the CE is applied voltage
-
-
0.25
V
4
GO High Level Voltage (* 7)
VGOH
VCE=VIN, no load
Voltage which changes into high speed
mode when the GO is applied voltage.
1.6
-
-
V
4
GO Low Level Voltage (* 7)
VGOL
VCE=VIN, no load
Voltage which changes into HS/PS
automatic switching mode when the GO
is applied voltage.
-
-
0.25
V
4
CE High Level Current
ICEH
VCE=VIN, VGO=VIN
-0.1
-
0.1
μ
A
5
CE Low Level Current
ICEL
VCE=VSS, VGO=VIN
-0.1
-
0.1
μ
A
5
GO High Level Current
IGOH
VGO =VIN, VCE=VIN
-0.1
-
0.1
μ
A
5
GO Low Level Current
IGOL
VGO=VSS, VCE=VIN,
-0.1
-
0.1
μ
A
5
CL Auto-Discharge Resistance (* 8)
Rdischg
VIN=6.0V, VOUT=6.0V, VCE=VGO=VSS
-
470
-
Ω
7
NOTE:
* 1: Unless otherwise stated, VIN=VOUT(T)+1.0V.
* 2: VOUT (T) = Specified output voltage
* 3: VOUT (E) = Effective output voltage
(I.e. the output voltage when an amply stabilized "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.)
High Speed (HS) mode: The voltage of VGOH or more is input to the GO pin, or the voltage of VGOL or less is input to the GO pin
when the output current is IGO or more.
Power Save (PS) mode: The voltage of VGOL or less is input to the GO pin when the output current is IGOR or less.
* 4: Vdif={VIN1(*6)-VOUT1(*5)}
* 5: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input in the HS mode.
* 6: VIN1=The input voltage when VOUT1 appears as Input Voltage is gradually decreased.
* 7: With the GO pin input voltage, the fixed HS mode or Green Operation (GO) is selectable.
* 8: For the XC6207B series only. The XC6207A series discharges by resistors R1 and R2 only as shown in the block diagrams.
* 9: The rated value of the output voltage when VOUT(T)≦1.5V is shown below.
HS mode : VOUT (T)-30mV≦VOUT (E)≦VOUT (T)+30mV
PS mode : VOUT (T)-45mV≦VOUT (E)≦VOUT (T)+30mV
*10: Recommended conditions for CIN and CL
1.2V≦VOUT (T)<1.8V : CIN=1.0μF, CL=4.7μF (ceramic cap.)
1.8V≦VOUT (T)<2.5V : CIN=1.0μF, CL=1.0μF (ceramic cap.)
2.5V≦VOUT (T)≦5.0V : CIN=2.2μF, CL=1.0μF (ceramic cap.)
ELECTRICAL CHARACTERISTICS (Continued)
XC6207A/B series (Continued)
Ta=25℃


Similar Part No. - XC6207B502ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207B122EL TOREX-XC6207B122EL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207B122ER TOREX-XC6207B122ER Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207B122ML TOREX-XC6207B122ML Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207B122MR TOREX-XC6207B122MR Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207B122PL TOREX-XC6207B122PL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6207B502ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com