Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS426 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS426
Description  Filter specfication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS426 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS426 Datasheet HTML 1Page - Vectron International, Inc TFS426 Datasheet HTML 2Page - Vectron International, Inc TFS426 Datasheet HTML 3Page - Vectron International, Inc TFS426 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
tfs426.doc
version 1.1
04/99
_____________________________________________________________________________________________________
VI TELEFILTER
Filter specfication
TFS 426
-
1/4
__________________________________________________________________________________________
_____________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Construction
Ambient temperature:
23
°C
see page 2
Input power level:
0 dBm
Terminating impedances
for input:
80
Ω || -2.5 pF.
for output:
80
Ω || -2.5 pF
External coil:
72 nH
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 426 is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fo is the arithmetic mean value of the upper and lower frequencies at the
3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 426,4 MHz without tolerance. The given values
for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fo is
shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre
frequency fo.
D a t a
typ. Value
Tolerance / Limit
_____________________________________________________________________________________________________
Nominal Frequency
fN
-
426,4
MHz
_____________________________________________________________________________________________________
Insertion Loss
ae (reference level)
-
max.
5,5
dB
_____________________________________________________________________________________________________
Pass Band Ripple
fN ± 67,5 kHz
-
max.
1,5
dB
_____________________________________________________________________________________________________
Relative Attenuation
arel
fN ±
80 kHz
-
max.
3
dB
fN ± 400 kHz ... fN ± 600 kHz
-
min. 15
dB
fN ± 600 kHz ... fN ± 800 kHz
-
min. 30
dB
fN ± 800 kHz ... fN ± 1600 kHz
-
min. 38
dB
fN ± 1600 kHz ... fN ± 3000 kHz
-
min. 42
dB
fN ±
3 MHz ... fN ± 100 MHz
-
min. 50
dB
2 x fN
-
min. 50
dB
_____________________________________________________________________________________________________
Group Delay Deviation
GDD
fN ± 50 kHz
-
max.
1,2
µs
fN ± 70 kHz
-
max.
1,5
µs
fN ± 100 kHz
-
max.
2,0
µs
_____________________________________________________________________________________________________
Operating Temperature Range
- 10 °C ... + 70 °C
_____________________________________________________________________________________________________
Temperature Coefficient of Frequency
TCf
- 0,036 ppm/K²
-
Frequency Inversion Temperature
To
30
°C
-
_____________________________________________________________________________________________________
Generated:
Checked / approved:


Similar Part No. - TFS426

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS426C VECTRON-TFS426C Datasheet
221Kb / 5P
   Filter specification
More results

Similar Description - TFS426

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74LS96 ETC1-74LS96 Datasheet
278Kb / 5P
   5-Bit Shift Register Product Specfication
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
   SAW filter 2in1 filter
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
   FILTER
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
   FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
   FILTER
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
   FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
   FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
   FILTER
FBGC-3-1.4G MERRIMAC-FBGC-3-1.4G Datasheet
91Kb / 2P
   FILTER
FBGI-2.2G MERRIMAC-FBGI-2.2G Datasheet
99Kb / 2P
   FILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com