Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5805 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR-5805
Description  HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5805 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR-5805 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5805 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5805 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5805 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5805 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5805 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5805 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5805 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5805 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HFBR-5805/5805T/5805A/5805AT ATM
Transceivers for SONET OC-3/SDH
STM-1 in Low Cost 1 x 9 Package Style
Data Sheet
Features
• Full compliance with ATM forum
UNI SONET OC-3 multimode fiber
physical layer specification
• Multisourced 1 x 9 package style
with choice of duplex SC or
duplex ST* receptacle
• Wave solder and aqueous wash
process compatibility
• Manufactured in an ISO 9002
certified facility
• Single +3.3 V or +5.0 V power
supply
Applications
• Multimode fiber ATM backbone
links
• Multimode fiber ATM wiring
closet to desktop links
Ordering Information
The HFBR-5805/5805T/5805A/
5805AT 1300 nm products are
available for production orders
through the Agilent Component
Field Sales Offices and
Authorized Distributors world
wide.
0 °C to +70 °C
HFBR-5805/5805T
-10 °C to +85 °C
HFBR-5805A/5805AT
*ST is a registered trademark of AT&T
Lightguide Cable Connectors.
Note: The “T” in the product numbers
indicates a transceiver with a duplex ST
connector receptacle.
Product numbers without a “T” indicate
transceivers with a duplex SC connector
receptacle.
Transmitter Sections
The transmitter section of the
HFBR-5803 and HFBR-5805
series utilize 1300 nm InGaAsP
LEDs. These LEDs are
packaged in the optical
subassembly portion of the
transmitter section. They are
driven by a custom silicon IC
which converts differential
PECL logic signals, ECL
referenced (shifted) to a +3.3 V
or +5.0 V supply, into an
analog LED drive current.
Receiver Sections
The receiver section of the
HFBR-5803 and HFBR-5805
series utilize InGaAs PIN
photodiodes coupled to a
custom silicon transimpedance
preamplifier IC. These are
packaged in the optical
subassembly portion of the
receiver.
These PIN/preamplifier
combinations are coupled to a
custom quantizer IC which
provides the final pulse
shaping for the logic output
and the Signal Detect function.
The data output is dif-
ferential. The signal detect
output is single-ended. Both
data and signal detect outputs
are PECL compatible, ECL
referenced (shifted) to a 3.3 V
or +5.0 V power supply.
Description
The HFBR-5800 family of
transceivers from Agilent
provide the system designer
with products to implement a
range of solutions for
multimode fiber SONET OC-3
(SDH STM-1) physical layers
for ATM and other services.
The transceivers are all
supplied in the industry
standard 1 x 9 SIP package
style with either a duplex SC
or a duplex ST* connector
interface.
ATM 2 km Backbone Links
The HFBR-5805/-5805T are
1300 nm products with optical
performance compliant with
the SONET STS-3c (OC-3)
Physical Layer Interface
Specification. This physical
layer is defined in the ATM
Forum User-Network Interface
(UNI) Specification Version 3.0.
This document references the
ANSI T1E1.2 specification for
the details of the interface for
2 km multimode fiber
backbone links.
The ATM 100 Mb/s-125 MBd
Physical Layer interface is best
implemented with the HFBR-
5803 family of Fast Ethernet
and FDDI Transceivers which
are specified for use in this
4B/5B encoded physical layer
per the FDDI PMD standard.


Similar Part No. - HFBR-5805

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803A HP-HFBR-5803A Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803AT HP-HFBR-5803AT Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
HFBR-5803T HP-HFBR-5803T Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
More results

Similar Description - HFBR-5805

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFBR-5208M HP-HFBR-5208M Datasheet
520Kb / 21P
   Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com