Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1T8536 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1T8536
Description  2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8536 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1T8536 Datasheet HTML 1Page - Samsung semiconductor S1T8536 Datasheet HTML 2Page - Samsung semiconductor S1T8536 Datasheet HTML 3Page - Samsung semiconductor S1T8536 Datasheet HTML 4Page - Samsung semiconductor S1T8536 Datasheet HTML 5Page - Samsung semiconductor S1T8536 Datasheet HTML 6Page - Samsung semiconductor S1T8536 Datasheet HTML 7Page - Samsung semiconductor S1T8536 Datasheet HTML 8Page - Samsung semiconductor S1T8536 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
S1T8536
3
PIN CONFIGURATION
GND
MIX
VCC
MIX
VCC
IF
MOP MON
GND
IF
GND
QUAD
IFP
IFN
QUAD
IN
GND
BB
QUAD
OUT
BUF
IN
BUF
OUT
DS
INN
SHEN
DS OUT
OSCO
OSCI
LE
DATA
CLK
LD
CP
VCC
VCO
GND
VCO
VREG
VCO
MIN
MIP
VREG
TX
GND
PLL
VCC
MIX
GND
MIX
GND
IF
TX
OUT
GND
FD
VCOP
VCC
FD
RSSI
VCC
QUAD
CE
VCON
VCC
PLL
VREG
PLL
GND
FD
VREG
RX
SHO
13
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
DS
INP
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
S1T8536


Similar Part No. - S1T8536

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
S1T8531X01-S0B0 SAMSUNG-S1T8531X01-S0B0 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
More results

Similar Description - S1T8536

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
   Single-chip 2.4GHz RF Transceiver
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
logo
Nordic Semiconductor
NRF24L01 NORDIC-NRF24L01 Datasheet
975Kb / 74P
   nRF24L01 Single Chip 2.4GHz Transceiver
Revision 2.0
logo
List of Unclassifed Man...
WE2408 ETC2-WE2408 Datasheet
627Kb / 36P
   2.4GHz Single Chip FM Transceiver
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830_11 Datasheet
777Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
logo
RF Micro Devices
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com