Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6G3238ETBR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST6G3238ETBR
Description  Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238ETBR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST6G3238ETBR Datasheet HTML 6Page - STMicroelectronics ST6G3238ETBR Datasheet HTML 7Page - STMicroelectronics ST6G3238ETBR Datasheet HTML 8Page - STMicroelectronics ST6G3238ETBR Datasheet HTML 9Page - STMicroelectronics ST6G3238ETBR Datasheet HTML 10Page - STMicroelectronics ST6G3238ETBR Datasheet HTML 11Page - STMicroelectronics ST6G3238ETBR Datasheet HTML 12Page - STMicroelectronics ST6G3238ETBR Datasheet HTML 13Page - STMicroelectronics ST6G3238ETBR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DC and AC Parameters
ST6G3238E
10/17
Table 8.
AC Electrical Characteristics (f = 1MHz, 50% duty cycle, CL = 30pF, RL = 500Ω)
Note:
VIA = Input I/Os including CLK.h, CMD.h, DAT0.h, DAT1.h, DAT2.h, DAT3.h
VIB
= Input I/Os including CMD, DAT0, DAT1, DAT2, DAT3
Symbol
Parameter
Test Condition TA = -40 to 85 °C
Unit
VCCA = 1.8 ± 0.15V VCCA=1.8 ± 0.15V VCCA=2.5 ± 0.2V
VCCB=2.5 ± 0.2V
VCCB=2.7 ± 0.3V VCCB=2.7 ± 0.3V
Min.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay Time An to Bn
1.0
7.2
1.0
6.6
1.0
6.1
ns
tPLH tPHL
Propagation Delay Time Bn to An
1.0
8.1
1.0
7.5
1.0
5.0
tOSLH tOSHL Output To Output Skew Time (1)(2)
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either HIGH or LOW ( tOSLH = | tPLHm = tPLHn |, tOSHL = | tPHLm – tPHLn | )
2.
Parameter guaranteed by design.
0.5
0.5
0.5
ns
tCDLH tCDHL Clock And Data Skew Time
0.5
0.5
0.5
ns
fmax
Clock
From A to B
52
52
52
MHz
From B to A
52
52
52
Data
From A to B
52
52
52
Mbps
From B to A
52
52
52
Table 9.
Output Slew Rate (f = 1MHz, 50% duty cycle, CL=30pF, RL=500
Ω)
Symbol
Parameter
From
To
Test Condition TA = -40 to 85 °C
Unit
VCCA = 1.8V ± 0.15V
VCCB = 3V ± 0.3V
Min.
Max.
tr
Rise Time
20%
80%
3
ns
tf
Fall Time
80%
20%
3
ns
Table 10.
Capacitance Characteristics
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
CINB
Input Capacitance
open
open
9
pF
CI/OA
Input/Output
Capacitance for
A-SIDE
3.3
2.5
17
pF
CI/OB
Input/Output
Capacitance for
B-SIDE
3.3
2.5
33
pF
CPD
(1)
1.
CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) - CPD
x VCC x fIN + ICC/16 (per circuit)
Power Dissipation
Capacitance
3.3
2.5
f = 10MHz
29
pF
3.3
1.8
29


Similar Part No. - ST6G3238ETBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
More results

Similar Description - ST6G3238ETBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3237 STMICROELECTRONICS-ST6G3237 Datasheet
214Kb / 17P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
   Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and 짹15 kV ESD protection
November 2011 Rev 2
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
NXP Semiconductors
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
   SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com