Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C1M16E5-50JC Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C1M16E5-50JC
Description  5V 1M횞16 CMOS DRAM (EDO)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C1M16E5-50JC Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C1M16E5-50JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C1M16E5-50JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C1M16E5-50JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C1M16E5-50JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C1M16E5-50JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C1M16E5-50JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C1M16E5-50JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C1M16E5-50JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C1M16E5-50JC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
®
AS4C1M16E5
4/11/01; v.1.0
Alliance Semiconductor
P. 2 of 22
Functional description
The AS4C1M16E5 is a high performance 16-megabit CMOS Dynamic Random Access Memory (DRAM) organized as 1,048,576 words × 16
bits. The device is fabricated using advanced CMOS technology and innovative design techniques resulting in high speed, extremely low
power and wide operating margins at component and system levels. The Alliance 16Mb DRAM family is optimized for use as main memory
in personal and portable PCs, workstations, and multimedia and router switch applications.
The AS4C1M16E5 features hyper page mode operation where read and write operations within a single row (or page) can be executed at
very high speed by toggling column addresses within that row. Row and column addresses are alternately latched into input buffers using the
falling edge of RAS and xCAS inputs, respectively. Also, RAS is used to make the column address latch transparent, enabling application of
column addresses prior to xCAS assertion. The AS4C1M16E5 provides dual UCAS and LCAS for independent byte control of read and write
access.
Extended data out (EDO), also known as 'hyper-page mode,' enables high speed operation. In contrast to 'fast-page mode' devices, data
remains active on outputs after xCAS is de-asserted high, giving system logic more time to latch the data. Use OE and WE to control output
impedance and prevent bus contention during read-modify-write and shared bus applications. Outputs also go to high impedance at the last
occurrance of RAS and xCAS going high.
Refresh on the 1024 address combinations of A0 to A9 must be performed every 16 ms using:
•RAS-only refresh: RAS is asserted while xCAS is held high. Each of the 1024 rows must be strobed. Outputs remain high impedence.
• Hidden refresh: xCAS is held low while RAS is toggled. Outputs remain low impedence with previous valid data.
•CAS-before-RAS refresh (CBR): At least one xCAS is asserted prior to RAS. Refresh address is generated internally.
Outputs are high-impedence (OE and WE are don't care).
• Normal read or write cycles refresh the row being accessed.
The AS4C1M16E5 is available in the standard 42-pin plastic SOJ and 44/50-pin TSOP II packages, respectively. The AS4C1M16E5 device
operates with a single power supply of 5V ± 0.5V and provides TTL compatible inputs and outputs.
Logic block diagram
Recommended operating conditions
V
IL min -3.0V for pulse widths less than 5 ns.
Recommended operating conditions apply throughout this document unless otherwise specified.
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
GND
0.0
0.0
0.0
V
Input voltage
VIH
2.4
VCC
V
VIL
–0.5
–0.8
V
Ambient operating temperature
Commercial
TA
0–
70
°C
Industrial
-40
85
RAS clock
generator
1024 × 1024 × 16
Array
(16,777,216)
Sense amp
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Column decoder
Substrate bias
generator
Data
DQ
buffers
OE
RAS
UCAS
WE clock
generator
WE
LCAS
DQ1 to DQ16
CAS clock
generator
A9


Similar Part No. - AS4C1M16E5-50JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50JC ETC1-AS4C1M16F5-50JC Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50JI ETC1-AS4C1M16F5-50JI Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50TC ETC1-AS4C1M16F5-50TC Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50TI ETC1-AS4C1M16F5-50TI Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
More results

Similar Description - AS4C1M16E5-50JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256K16E0 ALSC-AS4C256K16E0 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
MT4C1M16E5 MICRON-MT4C1M16E5 Datasheet
385Kb / 24P
   EDO DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
logo
Alliance Semiconductor ...
AS4CM4EOQ ALSC-AS4CM4EOQ Datasheet
353Kb / 16P
   4M X 4 CMOS Quad CAS DRAM (EDO) family
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
   5V 4M횞4 CMOS DRAM (Fast Page mode)
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com