Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7512BN Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7512BN
Description  Double-Buffered 12-Bit Multiplying DAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7512BN Datasheet(HTML) 6 Page - Sipex Corporation

  SP7512BN Datasheet HTML 1Page - Sipex Corporation SP7512BN Datasheet HTML 2Page - Sipex Corporation SP7512BN Datasheet HTML 3Page - Sipex Corporation SP7512BN Datasheet HTML 4Page - Sipex Corporation SP7512BN Datasheet HTML 5Page - Sipex Corporation SP7512BN Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
118
TIMING
INPUT
DATA
t2
t3
t 1
t 1
t 2
t3
CE
LBE
MBE
HBE
LDAC
OUTPUT
t 2
t 4
TIME AXIS NOT TO SCALE. ALL STROBES ARE LEVEL TRIGGERED.
t
1: Data Setup Time, Time data must be stable before strobe (byte enable/
LDAC) goes to “0”, t
1 (min) = 250ns.
t
2: Strobe Width. t2 (min) = 250ns. (CE, LBE, MBE, HBE, LDAC).
t
3: Hold Time. Time data must be stable after strobe goes to “0”, t3 = 0ns.
t
4: Delay from LDAC to Output, t4 = 200ns.
NOTE: Minimum common active time for CE and any byte enable is 250ns.
ORDERING INFORMATION
Model .................................................................. Monotonicity ................................. Temperature Range ........................................ Package
Double–Buffered 12–Bit Multiplying DAC
SP7512BN ............................................................... 12–Bit ......................................... –40
°C to +85°C ......................................28-pin, 0.3" SOIC
SP7512KN ............................................................... 12–Bit .............................................. 0
°C to +70°C ......................................28-pin, 0.3" SOIC
HS3120C–2N ........................................................... 12–Bit .............................................. 0
°C to +70°C ............................ 28-pin, 0.6" Plastic DIP
HS3120C–2Q ........................................................... 12–Bit .............................................. 0
°C to +70°C .................. 28-pin, 0.6" Side–Brazed DIP
HS3120B–2Q ........................................................... 12–Bit ....................................... –55
°C to +125°C .................. 28-pin, 0.6" Side–Brazed DIP
HS3120B–2/883 ...................................................... 12–Bit ....................................... –55
°C to +125°C .................. 28-pin, 0.6" Side–Brazed DIP


Similar Part No. - SP7512BN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7514 SIPEX-SP7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
SP7514AN SIPEX-SP7514AN Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
SP7514AN SIPEX-SP7514AN Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
SP7514BN SIPEX-SP7514BN Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
SP7514BN SIPEX-SP7514BN Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
More results

Similar Description - SP7512BN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545 AD-AD7545 Datasheet
198Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. A
AD7545AKNZ AD-AD7545AKNZ Datasheet
309Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7524 AD-AD7524_15 Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com