Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3160 Datasheet(PDF) 7 Page - Sipex Corporation

Part # HS3160
Description  16-Bit Multiplying DACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS3160 Datasheet(HTML) 7 Page - Sipex Corporation

  HS3160 Datasheet HTML 1Page - Sipex Corporation HS3160 Datasheet HTML 2Page - Sipex Corporation HS3160 Datasheet HTML 3Page - Sipex Corporation HS3160 Datasheet HTML 4Page - Sipex Corporation HS3160 Datasheet HTML 5Page - Sipex Corporation HS3160 Datasheet HTML 6Page - Sipex Corporation HS3160 Datasheet HTML 7Page - Sipex Corporation HS3160 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
133
Applications Information
Unipolar Operation
Figure 2 shows the interconnections for unipolar
operation. Connect I
O1 and FB1 as shown in dia-
gram. Tie I
O2 (Pin 7), FB3 (Pin 3), and FB4 (Pin 1)
to Ground (Pin 8). As shown, a series resistor is
recommended in the V
DD supply line to limit
current during ‘turn-on.’ To maintain specified
linearity,externalamplifiersmustbezeroed. Apply
an ALL “ZEROES” digital input and adjust R
OS
for V
OUT = 0 ± 1mV. The SP7516 and HS3160
have been used successfully with OP-07, OP-27
and LF441A. For high speed applications the
SP2525 is recommended.
Bipolar Operation
Figure 3 shows the interconnections for bipolar
operation. Connect I
O1, IO2, FB1, FB3, FB4 as
shown in diagram. Tie LDTR to I
O2. As shown, a
series resistor is recommended in the V
DD supply
line to limit current during ‘turn-on. To maintain
specified linearity, external amplifiers must be
zeroed. This is best done with V
REF set to zero and,
the DAC register loaded with 10...0 (MSB = 1). Set
R
0S1 for V01 = 0. Set R0S2 for VOUT = 0. Set VREF
to +10V and adjust R
B for VOUT to be 0V.
Grounding
Connect all GND pins to system analog ground
and tie this to digital ground. All unused input
pins must be grounded.


Similar Part No. - HS3160

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
HS3160 APITECH-HS3160 Datasheet
2Mb / 3P
   Monolithic 16-Bit MDAC
HS3160B-3 APITECH-HS3160B-3 Datasheet
2Mb / 3P
   Monolithic 16-Bit MDAC
HS3160B-4 APITECH-HS3160B-4 Datasheet
2Mb / 3P
   Monolithic 16-Bit MDAC
HS3160C-3 APITECH-HS3160C-3 Datasheet
2Mb / 3P
   Monolithic 16-Bit MDAC
HS3160C-4 APITECH-HS3160C-4 Datasheet
2Mb / 3P
   Monolithic 16-Bit MDAC
More results

Similar Description - HS3160

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
   Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
   Serial 16-Bit Multiplying DACs
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX7524 MAXIM-MAX7524 Datasheet
3Mb / 8P
   CMOS 8-Bit Buffered Multiplying DACs
Rev 1; 7/95
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MX7524 MAXIM-MX7524 Datasheet
294Kb / 8P
   CMOS 8-Bit Buffered Multiplying DACs
Rev 1; 7/95
MX7837 MAXIM-MX7837 Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com