Electronic Components Datasheet Search |
|
SP7516JN Datasheet(PDF) 4 Page - Sipex Corporation |
|
SP7516JN Datasheet(HTML) 4 Page - Sipex Corporation |
4 / 8 page Corporation SIGNAL PROCESSING EXCELLENCE 130 PIN ASSIGNMENTS HS3160 22–PIN Pin 1 – IO 1 – Current Output 1. Pin 2 – IO 2 – Current Output 2. Pin 3 – GND – Ground. Pin 4 – DB 15 – MSB, Data Bit 1. Pin 5 – DB 14 – Data Bit 2. Pin 6 – DB 13 – Data Bit 3. Pin 7 – DB 12 – Data Bit 4. Pin 8 – DB 11 – Data Bit 5. Pin 9 – DB 10 – Data Bit 6. Pin 10 – DB 9 – Data Bit 7. Pin 11 – DB 8 – Data Bit 8. Pin 12 – DB 7 – Data Bit 9. Pin 13 – DB 6 – Data Bit 10. Pin 14 – DB 5 – Data Bit 11. Pin 15 – DB 4 – Data Bit 12. Pin 16 – DB 3 – Data Bit 13. Pin 17 – DB 2 – Data Bit 14. Pin 18 – DB 1 – Data Bit 15. Pin 19 – DB 0 – LSB, Data Bit 16. Pin 20 – V DD – Positive Supply Voltage. Pin 21 – V REF – Reference Voltage Input. Pin 22 – R FB – Feedback Resistor. SP7516 24–PIN Pin 1 – IO 1 – Current Output 1. Pin 2 – IO 2 Sense – Current Output 2. Pin 3 – IO 3 Force – Current Output 3. Pin 4 – GND – Ground. Pin 5 – DB 15 – MSB, Data Bit 1. Pin 6 – DB 14 – Data Bit 2. Pin 7 – DB 13 – Data Bit 3. Pin 8 – DB 12 – Data Bit 4. Pin 9 – DB 11 – Data Bit 5. Pin 10 – DB 10 – Data Bit 6. Pin 11 – DB 9 – Data Bit 7. Pin 12 – DB 8 – Data Bit 8. Pin 13 – DB 7 – Data Bit 9. Pin 14 – DB 6 – Data Bit 10. Pin 15 – DB 5 – Data Bit 11. Pin 16 – DB 4 – Data Bit 12. Pin 17 – DB 3 – Data Bit 13. Pin 18 – DB 2 – Data Bit 14. Pin 19 – DB 1 – Data Bit 15. Pin 20 – DB 0 – LSB, Data Bit 16. Pin 21 – V DD – Positive Supply Voltage. Pin 22 – V REF Sense – Reference Voltage Input. Pin 23 – V REF Force – Reference Voltage Input. Pin 24 – R FB – Feedback Resistor. FEATURES… The SP7516 and HS3160 are precision 16-bit multi- plying DACs. The DACs are implemented as a one- chip CMOS circuit with a resistor ladder network. Three output lines are provided on the DACs to allow unipolar and bipolar output connection with a mini- mum of external components. The feedback resistor is internal. The resistor ladder network termination is externally available, thus eliminating an external re- sistor for the 1 LSB offset in bipolar mode. The SP7516 is available for use in commercial and industrial temperature ranges, packaged in a 24-pin SOIC. The HS3160 is available in commercial and military temperature ranges, packaged in a 24–pin side–brazed DIP. For product processed and screened to the requirements of MIL–M– 38510 and MIL–STD–883C, please consult the factory (HS3160B only). PRINCIPLES OF OPERATION TheSP7516/HS3160achievehighaccuracybyusing a decoded or segmented DAC scheme to implement this function. The following is a brief description of this approach. Figure 1. SP7516/HS3160 Equivalent Output Circuit + – EO Cf C Rp Rf CO Ri VREF |
Similar Part No. - SP7516JN |
|
Similar Description - SP7516JN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |