Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP432 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP432
Description  High Speed, Low Power Quad RS-422 Differential Line Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP432 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP432 Datasheet HTML 6Page - Sipex Corporation SP432 Datasheet HTML 7Page - Sipex Corporation SP432 Datasheet HTML 8Page - Sipex Corporation SP432 Datasheet HTML 9Page - Sipex Corporation SP432 Datasheet HTML 10Page - Sipex Corporation SP432 Datasheet HTML 11Page - Sipex Corporation SP432 Datasheet HTML 12Page - Sipex Corporation SP432 Datasheet HTML 13Page - Sipex Corporation SP432 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
SP432DS/10
SP432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 1997 Sipex Corporation
Figure 19. Supply Current Vs. Temperature
Figure 20. Disabled Supply Current Vs. Power
Supply Voltage
Figure 21. Supply Current Vs. Data Rate
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TBD
TBD
TBD


Similar Part No. - SP432

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Littelfuse
SP4322 LITTELFUSE-SP4322 Datasheet
950Kb / 5P
   SP4322 0.4pF 11A Bidirectional Diode Array
2020 Littelfuse, Inc
SP4322-01ETG LITTELFUSE-SP4322-01ETG Datasheet
979Kb / 5P
   TVS Diode Arrays (SPA ? Diodes) Low Capacitance ESD Protection - SP4322
Revision: 04/14/20
SP4322-01ETG LITTELFUSE-SP4322-01ETG Datasheet
950Kb / 5P
   SP4322 0.4pF 11A Bidirectional Diode Array
2020 Littelfuse, Inc
More results

Similar Description - SP432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP26LV432 SIPEX-SP26LV432_06 Datasheet
171Kb / 11P
   High-Speed, Low-Power Quad RS-422 Differential Line Receiver
SP26LV432 SIPEX-SP26LV432 Datasheet
124Kb / 11P
   High Speed, Low Power Quad RS-422 Differential Line Receiver
logo
Exar Corporation
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com