Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4425QCUEB Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP4425QCUEB
Description  Electroluminescent Lamp Driver for Low Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425QCUEB Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP4425QCUEB Datasheet HTML 4Page - Sipex Corporation SP4425QCUEB Datasheet HTML 5Page - Sipex Corporation SP4425QCUEB Datasheet HTML 6Page - Sipex Corporation SP4425QCUEB Datasheet HTML 7Page - Sipex Corporation SP4425QCUEB Datasheet HTML 8Page - Sipex Corporation SP4425QCUEB Datasheet HTML 9Page - Sipex Corporation SP4425QCUEB Datasheet HTML 10Page - Sipex Corporation SP4425QCUEB Datasheet HTML 11Page - Sipex Corporation SP4425QCUEB Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SP4425QDS/12
SP4425Q Electroluminescent Lamp Driver
© Copyright 1998 Sipex Corporation
9
The following scope photos show the affect the tuning resistors (QR1 and QR2) have on the output
waveform. Figure 11 implements only 5K
Ω of series resistance introducing only a slight amount of
filtering of the discharge edge. Figure 12 shows that if the values are increased to 10K
Ω the discharge
edge is reduced even further. A 20K
Ω example is shown in Figure 14 and represents the most amount
of filtering needed. Again, the balance in light output and audible noise must be observed for each
application.
Figure 11.
QR1=QR2=5K
V
PP=196VPK-PK, FLAMP=269Hz
Low noise suppression level
Figure 12.
QR1=QR2=10K
V
PP=187VPK-PK, FLAMP=268Hz
Low noise suppression level
Figure 13.
QR1=QR2=15K
V
PP=177VPK-PK, FLAMP=269Hz
High noise suppression level
Figure 14.
QR1=QR2=20K
V
PP=168VPK-PK, FLAMP=266Hz
High noise suppression level
V
BATTERY
V
DD
C
OSC=270pF
C
INT=1800pF
QR1=5K-20K
QR2=5K-20K
SP4425Q
Coil=Toko 1.2mH/19Ohm
EL Lamp


Similar Part No. - SP4425QCUEB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4425 SIPEX-SP4425 Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4425CN SIPEX-SP4425CN Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4425CU SIPEX-SP4425CU Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4425CX SIPEX-SP4425CX Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4425NEB SIPEX-SP4425NEB Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
More results

Similar Description - SP4425QCUEB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4425 SIPEX-SP4425 Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4423 SIPEX-SP4423 Datasheet
180Kb / 13P
   Electroluminescent Lamp Driver Low Power Applications
SP4428 SIPEX-SP4428 Datasheet
107Kb / 11P
   Electroluminescent Lamp Driver High Drive Capability for Low Voltage Applications
SP4414 SIPEX-SP4414 Datasheet
137Kb / 14P
   Low Cost Electroluminescent Lamp Driver
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
   Low Voltage Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4438 SIPEX-SP4438 Datasheet
223Kb / 19P
   Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
   Electroluminescent Lamp Driver
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com