Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4425QCUEB Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP4425QCUEB
Description  Electroluminescent Lamp Driver for Low Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425QCUEB Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP4425QCUEB Datasheet HTML 4Page - Sipex Corporation SP4425QCUEB Datasheet HTML 5Page - Sipex Corporation SP4425QCUEB Datasheet HTML 6Page - Sipex Corporation SP4425QCUEB Datasheet HTML 7Page - Sipex Corporation SP4425QCUEB Datasheet HTML 8Page - Sipex Corporation SP4425QCUEB Datasheet HTML 9Page - Sipex Corporation SP4425QCUEB Datasheet HTML 10Page - Sipex Corporation SP4425QCUEB Datasheet HTML 11Page - Sipex Corporation SP4425QCUEB Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SP4425QDS/12
SP4425Q Electroluminescent Lamp Driver
© Copyright 1998 Sipex Corporation
10
Sumida Electric Co., LTD.
USA
Ph: (847) 956-0666
Fax: (847) 956-0702
Sumida Electric Co., LTD.
Japan
Ph: 03-3607-5111
Fax: 03-3607-5144
Sumida Electric Co., LTD.
Singapore
Ph: 2963388
Fax: 2963390
Sumida Electric Co., LTD.
Hong Kong
Ph: 28806688
Fax: 25659600
Part No. CDRH74-471MC
470
µH, 3.01 ohm
Toko America Inc. USA
Ph: (847) 297-0070
Fax: (847) 699-7864
Toko Inc. Europe
Ph: (0211) 680090
Fax: (0211) 679-9567
Toko Inc. Japan
Ph: 03 3727 1161
Fax: 03 3727 1176
Toko Inc. Singapore
Ph: (255) 4000
Fax: (250) 8134
Toko Inc. Hong Kong
Ph: 2342-8131
Fax: 2341-9570
Coilcraft USA
Ph: (847) 639-6400
Fax: (847) 639-1469
Coilcraft Europe
Ph: 44 01236 730595
Fax: 44 01236 730627
Coilcraft Taiwan
Ph: 886/2/264-3646
Fax: 886/2/270-0294
Coil Craft Singapore
Ph: 65 296-6933
Fax: 465 296-4463 #382
Part No. DO1608C-474
470
µH, 3.60 ohm
.175
Max
Max
.260
6.60
Coil Manufacturers
New Coils
Coilcraft Hong Kong
Ph: 852 770-9428
Fax: 852 770-0729
(All Dimensions in mm)
.155
Dia
Max
.115
(All Dimensions in mm)
KOA Speer Electronics, Inc.
Ph: 814-362-5536
Fax: 814-362-8883
Part No. LPC4045TE471K
470
µH, 4.55 ohm
4.5 Max
4.0
± 0.2
4.5
± .02
5.0
±0.3
5.0
±0.3
5.7
±0.3
(All Dimensions in mm)
muRata USA
Ph: (770) 436-1300
Fax: (770) 436-3030
muRata Europe
Ph: 011-4991166870
Fax: 011-49116687225
muRata Taiwan Electronics
Ph: 011 88642914151
Fax: 011 88644252929
muRata Electronics
Singapore
Ph: 011 657584233
Fax: 011 657536181
muRata Hong Kong
Ph: 011-85223763898
Fax: 011 852237555655
Part No. LQN4N471K04
470
µH, 11.5 ohm
(All Dimensions in mm)
7.3
±0.2
7.3
±0.2
4.5
Max
Part No. 875FU-122M
1.2mH, 19ohm
Panasonic Industrial Co.,
USA
Ph: (201) 348-7000
Fax: (201) 348-0716
Panasonic Industrial Co.,
Japan
Ph: 81-3-3433-2325
Fax: 81-3-3459-9737
Panasonic Industrial Co.,
Europe
Ph: 44-1344-862-444
Fax: 44-1344-853-706
Part No. ELT3KN131
2.0mH, 44ohm
3.3+0.1
(3.1)
5.5+0.2
1.2+0.1
(All Dimensions in mm)
(All Dimensions in mm)
5.0
EL Lamp manufacturers
Metro Mark/Leading Edge
Minnetonka, MN
Phone: (800) 680-5556
Phone: (612) 912-1700
Midori Mark Ltd.
1-5 Komagata 2-Chome
Taita-Ku 111-0043 Japan
Phone: 81-03-3848-2011
Luminescent Systems Inc. (LSI)
Lebanon, NH
Phone: (603) 448-3444
Fax: (603) 448-3452
EL polarizers/transflector
manufacturers
Nitto Denko
San Jose, CA
Phone: (510) 445-5400
Astra Products
Baldwin, NJ
Phone: (516) 223-7500
Fax: (516) 868-2371
NEC Corporation
Tokyo, Japan
Phone: (03) 3798-9572
Fax: (03) 3798-6134
Seiko Precision
Chiba, Japan
Phone: (03) 5610-7089
Fax: (03) 5610-7177
Gunze Electronics
2113 Wells Branch Parkway
Austin, TX 78728
Phone: (512) 752-1299
Fax: (512) 252-1181
The coil part numbers presented in this data sheet have been qualified as being suitable for the SP4425 product.
Contact Sipex for applications assistance in choosing coil values not listed in this data sheet.


Similar Part No. - SP4425QCUEB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4425 SIPEX-SP4425 Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4425CN SIPEX-SP4425CN Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4425CU SIPEX-SP4425CU Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4425CX SIPEX-SP4425CX Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4425NEB SIPEX-SP4425NEB Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
More results

Similar Description - SP4425QCUEB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4425 SIPEX-SP4425 Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4423 SIPEX-SP4423 Datasheet
180Kb / 13P
   Electroluminescent Lamp Driver Low Power Applications
SP4428 SIPEX-SP4428 Datasheet
107Kb / 11P
   Electroluminescent Lamp Driver High Drive Capability for Low Voltage Applications
SP4414 SIPEX-SP4414 Datasheet
137Kb / 14P
   Low Cost Electroluminescent Lamp Driver
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
   Low Voltage Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4438 SIPEX-SP4438 Datasheet
223Kb / 19P
   Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
   Electroluminescent Lamp Driver
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com