Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C58SFBB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87C58SFBB
Description  8-bit CMOS (low voltage, low power and high speed) microcontroller families
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C58SFBB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87C58SFBB Datasheet HTML 3Page - NXP Semiconductors P87C58SFBB Datasheet HTML 4Page - NXP Semiconductors P87C58SFBB Datasheet HTML 5Page - NXP Semiconductors P87C58SFBB Datasheet HTML 6Page - NXP Semiconductors P87C58SFBB Datasheet HTML 7Page - NXP Semiconductors P87C58SFBB Datasheet HTML 8Page - NXP Semiconductors P87C58SFBB Datasheet HTML 9Page - NXP Semiconductors P87C58SFBB Datasheet HTML 10Page - NXP Semiconductors P87C58SFBB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
8XC52/54/58 AND 80C32 ORDERING INFORMATION
MEMORY SIZE
8K
× 8
MEMORY SIZE
16K
× 8
MEMORY SIZE
32K
× 8
ROMless
TEMPERATURE RANGE
°C
AND PACKAGE
VOLTAGE
RANGE
FREQ.
(MHz)
DWG.
#
ROM
P80C52SBPN
P80C54SBPN
P80C58SBPN
P80C32SBPN
0 to +70 Plastic Dual In line Package
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C52SBPN
P87C54SBPN
P87C58SBPN
P80C32SBPN
0 to +70, Plastic Dual In-line Package
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P80C52SBAA
P80C54SBAA
P80C58SBAA
P80C32SBAA
0 to +70 Plastic Leaded Chip Carrier
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C52SBAA
P87C54SBAA
P87C58SBAA
P80C32SBAA
0 to +70, Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P80C52SBBB
P80C54SBBB
P80C58SBBB
P80C32SBBB
0 to +70 Plastic Quad Flat Pack
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C52SBBB
P87C54SBBB
P87C58SBBB
P80C32SBBB
0 to +70, Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P80C52SFP N
P80C54SFP N
P80C58SFP N
P80C32SFP N
40 to +85 Plastic Dual In line Package
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C52SFP N
P87C54SFP N
P87C58SFP N
P80C32SFP N
–40 to +85, Plastic Dual In-line Package
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P80C52SFA A
P80C54SFA A
P80C58SFA A
P80C32SFA A
40 to +85 Plastic Leaded Chip Carrier
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C52SFA A
P87C54SFA A
P87C58SFA A
P80C32SFA A
–40 to +85, Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P80C52SFB B
P80C54SFB B
P80C58SFB B
P80C32SFB B
40 to +85 Plastic Quad Flat Pack
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C52SFB B
P87C54SFB B
P87C58SFB B
P80C32SFB B
–40 to +85, Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P80C52UBAA
P80C54UBAA
P80C58UBAA
P80C32UBAA
0 to +70 Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C52UBAA
P87C54UBAA
P87C58UBAA
P80C32UBAA
0 to +70, Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P80C52UBPN
P80C54UBPN
P80C58UBPN
P80C32UBPN
0 to +70 Plastic Dual In line Package
5V
0to33
SOT129 1
OTP
P87C52UBPN
P87C54UBPN
P87C58UBPN
P80C32UBPN
0 to +70, Plastic Dual In-line Package
5V
0 to 33
SOT129-1
ROM
P80C52UBBB
P80C54UBBB
P80C58UBBB
P80C32UBBB
0 to +70 Plastic Quad Flat Pack
5V
0to33
SOT307 2
OTP
P87C52UBBB
P87C54UBBB
P87C58UBBB
P80C32UBBB
0 to +70, Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
ROM
P80C52UFA A
P80C54UFA A
P80C58UFA A
P80C32UFA A
40 to +85 Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C52UFA A
P87C54UFA A
P87C58UFA A
P80C32UFA A
–40 to +85, Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P80C52UFPN
P80C54UFPN
P80C58UFPN
P80C32UFPN
40 to +85 Plastic Dual In line Package
5V
0to33
SOT129 1
OTP
P87C52UFPN
P87C54UFPN
P87C58UFPN
P80C32UFPN
–40 to +85, Plastic Dual In-line Package
5V
0 to 33
SOT129-1
ROM
P80C52UFBB
P80C54UFBB
P80C58UFBB
P80C32UFBB
40 to +85 Plastic Quad Flat Pack
5V
0to33
SOT307 2
OTP
P87C52UFBB
P87C54UFBB
P87C58UFBB
P80C32UFBB
–40 to +85, Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
Note: For Multi Time Programmable devices, See P89C51RX+ Flash datasheet.


Similar Part No. - P87C58SFBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C58SFBB PHILIPS-P87C58SFBB Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - P87C58SFBB

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
LEM78P153 EMC-LEM78P153 Datasheet
1Mb / 19P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com