Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W523S60 Datasheet(PDF) 6 Page - Winbond

Part # W523S60
Description  HIGH FIDELITY PowerSpeech-TM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W523S60 Datasheet(HTML) 6 Page - Winbond

Back Button W523S60 Datasheet HTML 2Page - Winbond W523S60 Datasheet HTML 3Page - Winbond W523S60 Datasheet HTML 4Page - Winbond W523S60 Datasheet HTML 5Page - Winbond W523S60 Datasheet HTML 6Page - Winbond W523S60 Datasheet HTML 7Page - Winbond W523S60 Datasheet HTML 8Page - Winbond W523S60 Datasheet HTML 9Page - Winbond W523S60 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
W523SXX (PRELIMINARY)
- 6 -
overwrite, or non-overwrite. The 8-bit structure of this register and the rising or falling edge of the
triggers corresponding to each bit are shown above. “ X” indicates a “ don’ t care” bit.
The TG1, 2, 5, 6 represents triggers 1, 2, 5 and 6 respectively; the “R” represents the rising edge; and
“F” represents the falling edge. When any one of the eight bits is set to “1”, the rising or falling edge of
the corresponding trigger pin can be enabled, interrupting the current state.
5.
STOP Register
BIT
7
6
5
4
3
2
1
0
STOP
X
X
X
STE
STD
STC
STB
STA
The STOP register stores stop output status information to determine the voltage level of each stop
output pin. The 8-bit structure of this register and the stop output pin corresponding to each bit are
show as above table. The “X” indicates a “don’ t care” bit. When a particular STOP bit is set to “1”, the
corresponding stop signal will be an active high output.
6.
R0-R3 Registers
These four registers are 8-bit register that stores the entry values of from 0 to 255 voice groups. R0 is
a special register that can be incremented by "INC" instruction.
Option Control Function
There are four types of option control in W523Sxx. They can be determined by a declaration in the
user
′s program file, but cannot be controlled by register.
FUNCTION
MASK OPTION
DECLARATION
DEFINITION
DEFPAGE 1
256 interrupt vector/label for 1 page, 1 page in total (1-page mode)
DEFPAGE 8
256 interrupt vector/label for 1 page, 8 pages in total (8-page mode)
DEFPAGE 16
128 interrupt vector/label for 1 page, 16 pages in total (16-page mode)
Page mode
configuration
DEFPAGE 32
64 interrupt vector/label for 1 page, 32 pages in total (32-page mode)
NORMAL
Normal mode operation
Operation
mode
CPU
CPU mode operation
OSC_3MHz
3 MHz oscillator
Oscillator
frequency
OSC_1.5MHz
1.5 MHz oscillator
VOUT_DAC
DAC (AUD) output
Voice
output type
VOUT_PWM
PWM output
"DEFPAGE" determines the page operation mode in W523Sxx. The default setting of the page mode
is 1-page mode. The 8-page, 16-page or 32-page mode can be declared to extend the voice group
entry from 256 to 2047 in PowerSpeech
™ program.
The W523Sxx can communicate with an external microprocessor through the simple serial CPU
interface, which is the same as the W583xx series. The CPU interface consists of the TG1, TG2, and
STPA/BUSY pins. "NORMAL" and "CPU" decide whether the operation mode of W523Sxx will be
normal mode or CPU mode.
"OSC_3MHz" and "OSC_1.5MHz" select the frequency of the system clock. "VOUT_DAC" and
"VOUT_PWM" select the voice output type.


Similar Part No. - W523S60

ManufacturerPart #DatasheetDescription
logo
Winbond
W5231 WINBOND-W5231 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5232 WINBOND-W5232 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5233 WINBOND-W5233 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5234 WINBOND-W5234 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
More results

Similar Description - W523S60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Winbond
W528SXX WINBOND-W528SXX Datasheet
125Kb / 15P
   ADPCM VOICE SYNTHESIZER(PowerSpeech)
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com