Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W523S12 Datasheet(PDF) 7 Page - Winbond

Part # W523S12
Description  HIGH FIDELITY PowerSpeech-TM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W523S12 Datasheet(HTML) 7 Page - Winbond

Back Button W523S12 Datasheet HTML 3Page - Winbond W523S12 Datasheet HTML 4Page - Winbond W523S12 Datasheet HTML 5Page - Winbond W523S12 Datasheet HTML 6Page - Winbond W523S12 Datasheet HTML 7Page - Winbond W523S12 Datasheet HTML 8Page - Winbond W523S12 Datasheet HTML 9Page - Winbond W523S12 Datasheet HTML 10Page - Winbond W523S12 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
W523SXX (PRELIMINARY)
Publication Release Date: Oct 2000
- 7 -
Revision A5
Interrupt Vector Allocation
The W523Sxx provides a total of 4 trigger inputs to communicate with the outside world. Each trigger
pin can invoke 2 dedicate interrupt vectors depending on TG pins’ status (rising or falling). The table
below shows the relationship between triggers’ status and interrupt vectors.
INTERRUPT VECTOR
TRIGGER SOURCE
0
TG1F
1
TG2F
8
TG5F
9
TG6F
INTERRUPT VECTOR
TRIGGER SOURCE
4
TG1R
5
TG2R
12
TG5R
13
TG6R
32
POI
CPU Interface
The W523Sxx can communicate with an external microprocessor through a simple serial CPU
interface. The CPU interface consists of TG1, TG2 and STPA/BUSY pins, which are shown below:
Debounced OK. to clear the internal CPU
counter for preventing the system from
running away. (TG1F should be disabled.)
TDEB
END
TCRD
TG1
(Data)
TG2
(Clock)
STPA/Busy
AUD/SPK+
Note:
1. TDEB means the "Debounce time".
2. TCRD is the "CPU Reset Delay" time. This should be more than 2.6
µS.
3. The "Clock" frequency of the TG2 pin can be set in the range: 10 KHz
- 1 MHz.
Busy signal will output "high" after the end of transmission. The rising timing of Busy signal is


Similar Part No. - W523S12

ManufacturerPart #DatasheetDescription
logo
Winbond
W5231 WINBOND-W5231 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5232 WINBOND-W5232 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5233 WINBOND-W5233 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5234 WINBOND-W5234 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
More results

Similar Description - W523S12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Winbond
W528SXX WINBOND-W528SXX Datasheet
125Kb / 15P
   ADPCM VOICE SYNTHESIZER(PowerSpeech)
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com