Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD151TS302ARPEL Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD151TS302ARPEL
Description  Spread Spectrum Clock for EMI Solution
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS302ARPEL Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD151TS302ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 10Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 11Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD151TS302ARP
Rev.5.00, May.19.2003, page 9 of 12
2. Example Board Layout Configuration
8
1
7
CLKOUT
6
5
3
4
R2
Crystal connection
or Reference input
Crystal connection
or Not connection
SSCCLKOUT
R1
G
P
G
G
0.1
µF
22
µF
FB
VDD
(+3.3 V Supply)
G
Note:
Via to GND plane
R1, R2 = Match value to line impedance.
FB = Ferrite bead.
(22
Ω Reference value)
Figure 3 Example Board Layout


Similar Part No. - HD151TS302ARPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD151TS302RP HITACHI-HD151TS302RP Datasheet
64Kb / 9P
   Spread Spectrum Clock for EMI Solution
logo
Renesas Technology Corp
HD151TS302RP RENESAS-HD151TS302RP Datasheet
185Kb / 10P
   Spread Spectrum Clock for EMI Solution
HD151TS302RPEL RENESAS-HD151TS302RPEL Datasheet
185Kb / 10P
   Spread Spectrum Clock for EMI Solution
HD151TS302RP RENESAS-HD151TS302RP_06 Datasheet
185Kb / 10P
   Spread Spectrum Clock for EMI Solution
More results

Similar Description - HD151TS302ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD151TS3313ARP RENESAS-RD151TS3313ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS305RP RENESAS-HD151TS305RP Datasheet
82Kb / 10P
   Spread Spectrum Clock for EMI Solution
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
   Spread Spectrum Clock for EMI Solution
RD151TS3313ARP RENESAS-RD151TS3313ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
HD151TS307ARP RENESAS-HD151TS307ARP Datasheet
69Kb / 9P
   Spread Spectrum Clock for EMI Solution
logo
Hitachi Semiconductor
HD151TS302RP HITACHI-HD151TS302RP Datasheet
64Kb / 9P
   Spread Spectrum Clock for EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com