Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-941ME Datasheet(PDF) 5 Page - C&D Technologies

Part # ADS-941ME
Description  14-Bit, 1MHz Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

ADS-941ME Datasheet(HTML) 5 Page - C&D Technologies

  ADS-941ME Datasheet HTML 1Page - C&D Technologies ADS-941ME Datasheet HTML 2Page - C&D Technologies ADS-941ME Datasheet HTML 3Page - C&D Technologies ADS-941ME Datasheet HTML 4Page - C&D Technologies ADS-941ME Datasheet HTML 5Page - C&D Technologies ADS-941ME Datasheet HTML 6Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
®
®
ADS-941
5
Table 3. Output Coding
UNIPOLAR
INPUT VOLT.
OUTPUT CODING
INPUT VOLT.
BIPOLAR
SCALE
0 TO +10V
MSB
LSB
MSB
LSB
MSB
LSB
±5V
SCALE
+FS – 1 LSB
+9.999390
11 1111 1111 1111
00 0000 0000 0000
01 1111 1111 1111
+4.999390
+FS – 1LSB
+7/8 FS
+8.750000
11 1000 0000 0000
00 0111 1111 1111
01 1000 0000 0000
+3.750000
+3/4FS
+3/4 FS
+7.500000
11 0000 0000 0000
00 1111 1111 1111
01 0000 0000 0000
+2.500000
+1/2FS
+1/2 FS
+5.000000
10 0000 0000 0000
01 1111 1111 1111
00 0000 0000 0000
0.000000
0
+1/4 FS
+2.500000
01 0000 0000 0000
10 1111 1111 1111
11 0000 0000 0000
–2.500000
–1/2FS
+1/8 FS
+1.250000
00 1000 0000 0000
11 0111 1111 1111
10 1000 0000 0000
–3.750000
–3/4FS
+1 LSB
+0.000610
00 0000 0000 0001
11 1111 1111 1110
10 0000 0000 0001
–4.999390
–FS+1LSB
0
0.000000
00 0000 0000 0000
11 1111 1111 1111
10 0000 0000 0000
–5.000000
–FS
STRAIGHT BIN.
COMP. BINARY
OFF. BINARY
COMP. OFF. BIN.
TWO'S COMP.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
Frequency (kHz)
(fs = 1MHz, fin = 480kHz, Vin = –0.5dB, 16,384-point FFT)
0
50
100
150
200
250
300
350
400
450
500


Similar Part No. - ADS-941ME

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-941ME MURATA-PS-ADS-941ME Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-941ME DATEL-ADS-941ME Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-941ME-C DATEL-ADS-941ME-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-941ME

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
   16-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com