Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2715M Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC2715M
Description  TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2715M Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2715M Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2715M Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2715M Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
TOP
B
E
C
C
BACK
E
B
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-03B Plastic-Encapsulate Transistors
2SC2715M TRANSISTOR
DESCRIPTION
NPN Epitaxial planar Silicon Transistor
FEATURES
High power gain: Gpe=27dB(f=10.7MHz)
Recommended for FM IF,OSC Stage and AM CONV.IF Stage
APPLICATION
High Frequency amplifier
For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM,
DVD-ROM, Note book PC, etc.)
MARKING: RR,RO,RY
C
RR
B
E
AXIMUM RATINGS* TA=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current -Continuous
50
mA
PC
Collector Dissipation
150
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10µA, IE=0
35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
4
V
Collector cut-off current
ICBO
VCB=35V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.1
µA
DC current gain
hFE
VCE=12V, IC=2mA
40
240
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=1mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=10mA, IB=1mA
1
V
Transition frequency
fT
VCE=10V, IC=1mA
100
400
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHZ
3.2
pF
Collector- Base time constant
Cc.rbb’
VCE=10V, IC=1mA, f=30MHZ
50
ps
Power Gain
Gp
VCE=6V, IC=1mA, f=10.7MHZ
27
33
dB
WBFBP-03B
(1.2×1.2×0.5)
unit: mm
1. BASE
2. EMITTER
3. COLLECTOR


Similar Part No. - 2SC2715M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2715 TOSHIBA-2SC2715 Datasheet
314Kb / 7P
   TRANSISTOR (HIGH FREQUENCY AMPLIFIER APPLICATIONS)
2SC2715 TOSHIBA-2SC2715 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SC2715 TOSHIBA-2SC2715 Datasheet
972Kb / 8P
   Silicon NPN Epitaxial Planar Type (PCT process)
logo
Nanjing International G...
2SC2715 DGNJDZ-2SC2715 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC2715 BILIN-2SC2715 Datasheet
262Kb / 3P
   Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC2715M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
   TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
   Transistor transistor logic
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
   Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Jiangsu Changjiang Elec...
S9012M JIANGSU-S9012M Datasheet
194Kb / 3P
   TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com