Electronic Components Datasheet Search |
|
P83C51RA+5B Datasheet(PDF) 7 Page - NXP Semiconductors |
|
P83C51RA+5B Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 55 page 8XC52/54/58 AND 80C32 ORDERING INFORMATION MEMORY SIZE 8K × 8 MEMORY SIZE 16K × 8 MEMORY SIZE 32K × 8 ROMless TEMPERATURE RANGE °C AND PACKAGE VOLTAGE RANGE FREQ. (MHz) DWG. # ROM P80C52SBPN P80C54SBPN P80C58SBPN P80C32SBPN 0 to +70 Plastic Dual In line Package 2 7Vto5 5V 0to16 SOT129 1 OTP P87C52SBPN P87C54SBPN P87C58SBPN P80C32SBPN 0 to +70, Plastic Dual In-line Package 2.7V to 5.5V 0 to 16 SOT129-1 ROM P80C52SBAA P80C54SBAA P80C58SBAA P80C32SBAA 0 to +70 Plastic Leaded Chip Carrier 2 7Vto5 5V 0to16 SOT187 2 OTP P87C52SBAA P87C54SBAA P87C58SBAA P80C32SBAA 0 to +70, Plastic Leaded Chip Carrier 2.7V to 5.5V 0 to 16 SOT187-2 ROM P80C52SBBB P80C54SBBB P80C58SBBB P80C32SBBB 0 to +70 Plastic Quad Flat Pack 2 7Vto5 5V 0to16 SOT307 2 OTP P87C52SBBB P87C54SBBB P87C58SBBB P80C32SBBB 0 to +70, Plastic Quad Flat Pack 2.7V to 5.5V 0 to 16 SOT307-2 ROM P80C52SFP N P80C54SFP N P80C58SFP N P80C32SFP N 40 to +85 Plastic Dual In line Package 2 7Vto5 5V 0to16 SOT129 1 OTP P87C52SFP N P87C54SFP N P87C58SFP N P80C32SFP N –40 to +85, Plastic Dual In-line Package 2.7V to 5.5V 0 to 16 SOT129-1 ROM P80C52SFA A P80C54SFA A P80C58SFA A P80C32SFA A 40 to +85 Plastic Leaded Chip Carrier 2 7Vto5 5V 0to16 SOT187 2 OTP P87C52SFA A P87C54SFA A P87C58SFA A P80C32SFA A –40 to +85, Plastic Leaded Chip Carrier 2.7V to 5.5V 0 to 16 SOT187-2 ROM P80C52SFB B P80C54SFB B P80C58SFB B P80C32SFB B 40 to +85 Plastic Quad Flat Pack 2 7Vto5 5V 0to16 SOT307 2 OTP P87C52SFB B P87C54SFB B P87C58SFB B P80C32SFB B –40 to +85, Plastic Quad Flat Pack 2.7V to 5.5V 0 to 16 SOT307-2 ROM P80C52UBAA P80C54UBAA P80C58UBAA P80C32UBAA 0 to +70 Plastic Leaded Chip Carrier 5V 0to33 SOT187 2 OTP P87C52UBAA P87C54UBAA P87C58UBAA P80C32UBAA 0 to +70, Plastic Leaded Chip Carrier 5V 0 to 33 SOT187-2 ROM P80C52UBPN P80C54UBPN P80C58UBPN P80C32UBPN 0 to +70 Plastic Dual In line Package 5V 0to33 SOT129 1 OTP P87C52UBPN P87C54UBPN P87C58UBPN P80C32UBPN 0 to +70, Plastic Dual In-line Package 5V 0 to 33 SOT129-1 ROM P80C52UBBB P80C54UBBB P80C58UBBB P80C32UBBB 0 to +70 Plastic Quad Flat Pack 5V 0to33 SOT307 2 OTP P87C52UBBB P87C54UBBB P87C58UBBB P80C32UBBB 0 to +70, Plastic Quad Flat Pack 5V 0 to 33 SOT307-2 ROM P80C52UFA A P80C54UFA A P80C58UFA A P80C32UFA A 40 to +85 Plastic Leaded Chip Carrier 5V 0to33 SOT187 2 OTP P87C52UFA A P87C54UFA A P87C58UFA A P80C32UFA A –40 to +85, Plastic Leaded Chip Carrier 5V 0 to 33 SOT187-2 ROM P80C52UFPN P80C54UFPN P80C58UFPN P80C32UFPN 40 to +85 Plastic Dual In line Package 5V 0to33 SOT129 1 OTP P87C52UFPN P87C54UFPN P87C58UFPN P80C32UFPN –40 to +85, Plastic Dual In-line Package 5V 0 to 33 SOT129-1 ROM P80C52UFBB P80C54UFBB P80C58UFBB P80C32UFBB 40 to +85 Plastic Quad Flat Pack 5V 0to33 SOT307 2 OTP P87C52UFBB P87C54UFBB P87C58UFBB P80C32UFBB –40 to +85, Plastic Quad Flat Pack 5V 0 to 33 SOT307-2 Note: For Multi Time Programmable devices, See P89C51RX+ Flash datasheet. |
Similar Part No. - P83C51RA+5B |
|
Similar Description - P83C51RA+5B |