Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64894GP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M64894GP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64894GP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M64894GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64894GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64894GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64894GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64894GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64894GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64894GP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64894GP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MITSUBISHI ICS (TV)
M64894FP/GP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
1
DESCRIPTION
The M64894 is a semiconductor integrated circuit consisting of
PLL frequency synthesizer for TV/VCR using I2C BUS control. It
contains the prescaler with operating up to 1.3GHz, 4 band drivers
and tuning Amplifier for direct tuning. Built-in 4 band drivers.
FEATURES
4 integrated PNP band drivers
(Io=40mA,Vsat=0.2V typ@Vcc1 to 13.2V)
Built-in high-withstanding voltage tuning Amplifier
Low power dissipation (Icc=20mA, Vcc=5V)
Built-in prescaler with input amplifier (Fmax=1.3GHz)
I2C bus control (Read and write mode)
X’tal 4MHz is used to realize 3 type of tuning steps
(Division ratio 1/512, 1/640, 1/1024)
Built-in 5-level A/D converter
Programmable chip address
16-pin small SOP/SSOP package
APPLICATION
TV, VCR tuners
RECOMMENDED OPERATING CONDITION
Supply voltage range..............................................VCC1=4.5 to 5.5V
VCC2=VCC1 to 13.2V
VCC3=28 to 35V
Rated supply voltage...........................................................VCC1=5V
VCC2=12V
VCC3=33V
PIN CONFIGURATION (TOP VIEW)
FUNCTION
2-modulus prescaler (1/32 and 1/33)
Built-in 4MHz crystal oscillator and reference divider
Programmable divider (10-bit M counter, 5-bit S counter)
Tri-state phase comparator
Lock detector
Band switch driver
Op. Amp for direct tuning
I2C bus receiver
5-level A/D converter
Xin
ADS
SDA
SCL
ADC
VCC3
Vtu
Vin
CRYSTAL
PRESCALER
GND
SUPPLY
SUPPLY
BAND
OUTPUTS
BS4
BS3
BS2
BS1
INPUT
fin
GND
VCC1
VOLTAGE 1
VOLTAGE 2
VCC2
Outline 16P2S-A (FP)
16
13
14
15
1
4
3
2
12
5
11
6
10
7
9
8
SWITCHING
CHIP ADDRESS
INPUT
OSCILLATOR
DATA INPUT
CLOCK INPUT
A/D INPUT
SUPPLY
VOLTAGE 3
TUNING
OUTPUT
FILTER INPUT
16P2Z-A (GP)


Similar Part No. - M64894GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64894GP RENESAS-M64894GP Datasheet
125Kb / 13P
   Serial Input PLL Frequency Synthesizer for TV/VCR
More results

Similar Description - M64894GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64893AFP MITSUBISHI-M64893AFP Datasheet
78Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893FP MITSUBISHI-M64893FP Datasheet
49Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64892AFP MITSUBISHI-M64892AFP Datasheet
52Kb / 8P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64894FP RENESAS-M64894FP Datasheet
125Kb / 13P
   Serial Input PLL Frequency Synthesizer for TV/VCR
logo
Mitsubishi Electric Sem...
M56770 MITSUBISHI-M56770 Datasheet
379Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M54939 MITSUBISHI-M54939 Datasheet
344Kb / 6P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
   Serial input pll prequency synthesizer for TV/VCR
logo
Renesas Technology Corp
M64893AGP RENESAS-M64893AGP Datasheet
295Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHES IZER FOR TV/VCR
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com