Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C51RB+JB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P87C51RB+JB
Description  8-bit CMOS (low voltage, low power and high speed) microcontroller families
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51RB+JB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P87C51RB+JB Datasheet HTML 4Page - NXP Semiconductors P87C51RB+JB Datasheet HTML 5Page - NXP Semiconductors P87C51RB+JB Datasheet HTML 6Page - NXP Semiconductors P87C51RB+JB Datasheet HTML 7Page - NXP Semiconductors P87C51RB+JB Datasheet HTML 8Page - NXP Semiconductors P87C51RB+JB Datasheet HTML 9Page - NXP Semiconductors P87C51RB+JB Datasheet HTML 10Page - NXP Semiconductors P87C51RB+JB Datasheet HTML 11Page - NXP Semiconductors P87C51RB+JB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
8XC51FA/FB/FC AND 80C51FA ORDERING INFORMATION
MEMORY SIZE
8K
× 8
MEMORY SIZE
16K
× 8
MEMORY SIZE
32K
× 8
ROMless
TEMPERATURE RANGE
°C
AND PACKAGE
VOLTAGE
RANGE
FREQ.
(MHz)
DWG.
#
ROM
P83C51FA–4N
P83C51FB–4N
P83C51FC–4N
P80C51FA 4N
0 to +70 40 Pin Plastic Dual In line Pkg
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51FA–4N
P87C51FB–4N
P87C51FC–4N
P80C51FA–4N
0 to +70, 40-Pin Plastic Dual In-line Pkg.
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P83C51FA–4A
P83C51FB–4A
P83C51FC–4A
P80C51FA 4A
0 to +70 44 Pin Plastic Leaded Chip Carrier
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51FA–4A
P87C51FB–4A
P87C51FC–4A
P80C51FA–4A
0 to +70, 44-Pin Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P83C51FA–4B
P83C51FB–4B
P83C51FC–4B
P80C51FA 4B
0 to +70 44 Pin Plastic Quad Flat Pack
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51FA–4B
P87C51FB–4B
P87C51FC–4B
P80C51FA–4B
0 to +70, 44-Pin Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P83C51FA–5N
P83C51FB–5N
P83C51FC–5N
P80C51FA 5N
40 to +85 40 Pin Plastic Dual In line Pkg
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51FA–5N
P87C51FB–5N
P87C51FC–5N
P80C51FA–5N
–40 to +85, 40-Pin Plastic Dual In-line Pkg.
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P83C51FA–5A
P83C51FB–5A
P83C51FC–5A
P80C51FA 5A
40 to +85 44 Pin Plastic Leaded Chip Carrier
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51FA–5A
P87C51FB–5A
P87C51FC–5A
P80C51FA–5A
–40 to +85, 44-Pin Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P83C51FA–5B
P83C51FB–5B
P83C51FC–5B
P80C51FA 5B
40 to +85 44 Pin Plastic Quad Flat Pack
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51FA–5B
P87C51FB–5B
P87C51FC–5B
P80C51FA–5B
–40 to +85, 44-Pin Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P83C51FA–IN
P83C51FB–IN
P83C51FC–IN
P80C51FA IN
0 to +70 40 Pin Plastic Dual In line Pkg
5V
0to33
SOT129 1
OTP
P87C51FA–IN
P87C51FB–IN
P87C51FC–IN
P80C51FA–IN
0 to +70, 40-Pin Plastic Dual In-line Pkg.
5V
0 to 33
SOT129-1
ROM
P83C51FA–IA
P83C51FB–IA
P83C51FC–IA
P80C51FA IA
0 to +70 44 Pin Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C51FA–IA
P87C51FB–IA
P87C51FC–IA
P80C51FA–IA
0 to +70, 44-Pin Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P83C51FA–IB
P83C51FB–IB
P83C51FC–IB
P80C51FA IB
0 to +70 44 Pin Plastic Quad Flat Pack
5V
0to33
SOT307 2
OTP
P87C51FA–IB
P87C51FB–IB
P87C51FC–IB
P80C51FA–IB
0 to +70, 44-Pin Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
ROM
P83C51FA–JN
P83C51FB–JN
P83C51FC–JN
P80C51FA JN
40 to +85 40 Pin Plastic Dual In line Pkg
5V
0to33
SOT129 1
OTP
P87C51FA–JN
P87C51FB–JN
P87C51FC–JN
P80C51FA–JN
–40 to +85, 40-Pin Plastic Dual In-line Pkg.
5V
0 to 33
SOT129-1
ROM
P83C51FA–JA
P83C51FB–JA
P83C51FC–JA
P80C51FA JA
40 to +85 44 Pin Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C51FA–JA
P87C51FB–JA
P87C51FC–JA
P80C51FA–JA
–40 to +85, 44-Pin Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P83C51FA–JB
P83C51FB–JB
P83C51FC–JB
P80C51FA JB
40 to +85 44 Pin Plastic Quad Flat Pack
5V
0to33
SOT307 2
OTP
P87C51FA–JB
P87C51FB–JB
P87C51FC–JB
P80C51FA–JB
–40 to +85, 44-Pin Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
Note: For Multi Time Programmable devices, See P89C51RX+ Flash datasheet.


Similar Part No. - P87C51RB+JB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51RB+JB PHILIPS-P87C51RB+JB Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - P87C51RB+JB

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
LEM78P153 EMC-LEM78P153 Datasheet
1Mb / 19P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com