Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C51RC+JB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P87C51RC+JB
Description  8-bit CMOS (low voltage, low power and high speed) microcontroller families
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51RC+JB Datasheet(HTML) 4 Page - NXP Semiconductors

  P87C51RC+JB Datasheet HTML 1Page - NXP Semiconductors P87C51RC+JB Datasheet HTML 2Page - NXP Semiconductors P87C51RC+JB Datasheet HTML 3Page - NXP Semiconductors P87C51RC+JB Datasheet HTML 4Page - NXP Semiconductors P87C51RC+JB Datasheet HTML 5Page - NXP Semiconductors P87C51RC+JB Datasheet HTML 6Page - NXP Semiconductors P87C51RC+JB Datasheet HTML 7Page - NXP Semiconductors P87C51RC+JB Datasheet HTML 8Page - NXP Semiconductors P87C51RC+JB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
Philips Semiconductors
Product specification
8XC52/54/58/80C32
8XC51FA/FB/FC/80C51FA
8XC51RA+/RB+/RC+/RD+/80C51RA+
80C51 8-bit microcontroller family
8K–64K/256–1K OTP/ROM/ROMless, low voltage (2.7V–5.5V),
low power, high speed (33 MHz)
1999 Apr 01
4
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
T2
T2EX
RxD
TxD
INT0
INT1
T0
T1
WR
RD
RST
EA/VPP
PSEN
ALE/PROG
VSS
VCC
XTAL1
XTAL2
SU00830
PIN CONFIGURATIONS
DUAL IN-LINE PACKAGE PIN FUNCTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
T2/P1.0
T2EX/P1.1
ECI/P1.2
CEX0/P1.3
CEX1/P1.4
CEX2/P1.5
CEX3/P1.6
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
CEX4/P1.7
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE/PROG
EA/VPP
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VCC
DUAL
IN-LINE
PACKAGE
SU00021
PLASTIC LEADED CHIP CARRIER PIN FUNCTIONS
LCC
61
40
7
17
39
29
18
28
Pin
Function
1
NIC*
2
P1.0/T2
3
P1.1/T2EX
4
P1.2/ECI
5
P1.3/CEX0
6
P1.4/CEX1
7
P1.5/CEX2
8
P1.6/CEX3
9
P1.7/CEX4
10
RST
11
P3.0/RxD
12
NIC*
13
P3.1/TxD
14
P3.2/INT0
15
P3.3/INT1
Pin
Function
16
P3.4/T0
17
P3.5/T1
18
P3.6/WR
19
P3.7/RD
20
XTAL2
21
XTAL1
22
VSS
23
NIC*
24
P2.0/A8
25
P2.1/A9
26
P2.2/A10
27
P2.3/A11
28
P2.4/A12
29
P2.5/A13
30
P2.6/A14
Pin
Function
31
P2.7/A15
32
PSEN
33
ALE/PROG
34
NIC*
35
EA/VPP
36
P0.7/AD7
37
P0.6/AD6
38
P0.5/AD5
39
P0.4/AD4
40
P0.3/AD3
41
P0.2/AD2
42
P0.1/AD1
43
P0.0/AD0
44
VCC
SU00023
* NO INTERNAL CONNECTION
PLASTIC QUAD FLAT PACK
PIN FUNCTIONS
PQFP
44
34
1
11
33
23
12
22
Pin
Function
1
P1.5/CEX2
2
P1.6/CEX3
3
P1.7/CEX4
4
RST
5
P3.0/RxD
6
NIC*
7
P3.1/TxD
8
P3.2/INT0
9
P3.3/INT1
10
P3.4/T0
11
P3.5/T1
12
P3.6/WR
13
P3.7/RD
14
XTAL2
15
XTAL1
Pin
Function
16
VSS
17
NIC*
18
P2.0/A8
19
P2.1/A9
20
P2.2/A10
21
P2.3/A11
22
P2.4/A12
23
P2.5/A13
24
P2.6/A14
25
P2.7/A15
26
PSEN
27
ALE/PROG
28
NIC*
29
EA/VPP
30
P0.7/AD7
Pin
Function
31
P0.6/AD6
32
P0.5/AD5
33
P0.4/AD4
34
P0.3/AD3
35
P0.2/AD2
36
P0.1/AD1
37
P0.0/AD0
38
VCC
39
NIC*
40
P1.0/T2
41
P1.1/T2EX
42
P1.2/ECI
43
P1.3/CEX0
44
P1.4/CEX1
SU00024
* NO INTERNAL CONNECTION


Similar Part No. - P87C51RC+JB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51RC+JB PHILIPS-P87C51RC+JB Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - P87C51RC+JB

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN80CL31N INTEGRAL-IN80CL31N Datasheet
119Kb / 2P
   CMOS LOW-VOLTAGE SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80LV52 ISSI-IS80LV52 Datasheet
385Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Circuit Solu...
IC80LV52 ICSI-IC80LV52 Datasheet
131Kb / 22P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IC80LV51 ICSI-IC80LV51 Datasheet
124Kb / 20P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
Integrated Silicon Solu...
IS80C52 ISSI-IS80C52 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80LV51 ISSI-IS80LV51 Datasheet
339Kb / 43P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
LEM78P153 EMC-LEM78P153 Datasheet
1Mb / 19P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com