Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ7805-TO-220F Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ7805-TO-220F
Description  Three-terminal positive voltage regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ7805-TO-220F Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ7805-TO-220F Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220 Plastic-Encapsulate Voltage Regulator
CJ7805 Three-terminal positive voltage regulator
FEATURES
Maximum Output current IOM: 1.5 A
Output voltage Vo: 5V
Continuous total dissipation
PD:
2 W (TJ = 25
℃ )
ABSOLUTE MAXIMUM RATINGS(Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
V i
35
V
Thermal resistance junction-air
RθJA
65
℃/W
Thermal resistance junction-cases
RθJC
5
℃/W
Operating Junction Temperature Range
TOPR
0-150
Storage Temperature Range
TSTG
-65-150
ELECTRICAL
CHARACTERISTICS
(Vi=10V,Io=500mA,0
℃<Tj<125℃,Ci=0.33µF,Co=0.1µF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
TJ=25℃
4.8
5.0
5.2
V
Output voltage
Vo
7V≤Vi≤20V,Io=5mA-1A, P<15W
4.75
5.00
5.25
V
TJ=25 , Io=5mA
-1.5A
15
100
mV
Load Regulation
Vo
TJ=25 , Io=250mA
-750mA
5
50
mV
7V≤V i≤25V, TJ=25℃
3
100
mV
Line regulation
Vo
8V≤V i≤12V, TJ=25℃
1
50
mV
Quiescent Current
Iq
TJ=25℃
4.2
8
mA
7V≤V i≤25V
1.3
mA
Quiescent Current Change
Iq
5mA≤I O≤1A
0.5
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
40
uV
Output voltage drift
Vo/ T
△△
IO=5mA
-1.1
mV/℃
Ripple Rejection
RR
8V≤V i≤18V,f=120Hz, TJ=25℃
62
78
dB
Dropout Voltage
Vd
TJ=25 , Io=1A
2
V
Output resistance
RO
f=1KHZ
10
mΩ
Short Circuit Current
Isc
Vi=35V, TJ=25℃
750
mA
Peak Current
Ipk
TJ=25℃
2.2
A
TYPICAL APPLICATION
1 2 3
TO-220
1.IN
2.GND
3.OUT


Similar Part No. - CJ7805-TO-220F

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7805-TO-220 JIANGSU-CJ7805-TO-220 Datasheet
186Kb / 2P
   Three-terminal positive voltage regulator
More results

Similar Description - CJ7805-TO-220F

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com