Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ7806-TO-220 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ7806-TO-220
Description  Three-terminal positive voltage regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ7806-TO-220 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ7806-TO-220 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJ7806-TO-220 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220 Plastic-Encapsulate Voltage Regulator
CJ7806 Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM: 1.5 A
Output voltage Vo: 6 V
Continuous total dissipation
PD:
2 W (TJ= 25
℃ )
ABSOLUTE MAXIMUM RATINGS(operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
V i
35
V
Thermal resistance junction-air
RθJA
65
℃/W
Thermal resistance junction-cases
RθJC
5
℃/W
Operating Junction Temperature Range
TOPR
0-150
Storage Temperature Range
TSTG
-65-150
ELECTRICAL
CHARACTERISTICS(Vi=10V,Io=500mA,0
<T
J<125
,Ci=0.33μF,Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
TJ=25
5.75
6
6.25
V
Output voltage
Vo
8V≤V i≤21V, Io=5mA-1A,P≤15W
5.7
6
6.3
V
TJ=25, Io=5mA-1.5A
14
120
mV
Load Regulation
Vo
TJ=25, Io=250mA-750mA
4
60
mV
8V≤V i≤25V, TJ=25
5
120
mV
Line regulation
Vo
9V≤V i≤13V, TJ=25
1.5
60
mV
Quiescent Current
Iq
TJ=25
4.3
8
mA
8V≤V i≤25V
1.3
mA
Quiescent Current Change
Iq
5mA≤I O≤1A
0.5
mA
Output voltage drift
△Vo/△T
IO=5mA
-0.8
mV/℃
Output Noise Voltage
VN
10Hz≤f≤100KHz
45
μV
Ripple Rejection
RR
9V≤V i≤19V,f=120Hz,Tj=0-125
59
75
dB
Dropout Voltage
Vd
TJ=25, Io=1A
2
V
Output resistance
RO
f=1KHZ
19
Short Circuit Current
Isc
Vi=35V, TJ=25
550
mA
Peak Current
Ipk
TJ=25
2.2
A
TYPICAL APPLICATION
1 2 3
TO-220
1. IN
2. GND
3. OUT


Similar Part No. - CJ7806-TO-220

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7806-TO220-3L ZPSEMI-CJ7806-TO220-3L Datasheet
936Kb / 2P
   TO-220-3L Plastic-Encapsulate Voltage Regulators
CJ7806-TO251-3L ZPSEMI-CJ7806-TO251-3L Datasheet
474Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
More results

Similar Description - CJ7806-TO-220

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com