Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P14SG-0512ZH30 Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P14SG-0512ZH30
Description  3 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P14SG-0512ZH30 Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P14SG-0512ZH30 Datasheet HTML 1Page - PEAK electronics GmbH P14SG-0512ZH30 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M5 SERIES
P14SG-XXXXZH30 3 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
3.00 W
-25
0
40
80
100
71
Output
Safe Operating Area
Pin
Connection
#
Dual
1
+ V Input
2
+ V Input
3
Omitted
10
Common
11
Common
12
Omitted
13
- V Output
14
Omitted
15
+ V Output
22
Omitted
23
- V Input
24
- V Input
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Similar Part No. - P14SG-0512ZH30

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P14SG-0512ZH30M PEAK-P14SG-0512ZH30M Datasheet
212Kb / 2P
   3 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - P14SG-0512ZH30

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P14SG-0505ZH30M PEAK-P14SG-0505ZH30M Datasheet
212Kb / 2P
   3 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P14SG-0505ZM PEAK-P14SG-0505ZM Datasheet
212Kb / 2P
   1 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P10SG-0505ZH30M PEAK-P10SG-0505ZH30M Datasheet
207Kb / 2P
   3 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P14SG-0505ZH52 PEAK-P14SG-0505ZH52 Datasheet
199Kb / 2P
   5.2 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30 PEAK-P8SG-053R6ZH30 Datasheet
200Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30M PEAK-P8SG-053R6ZH30M Datasheet
213Kb / 3P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P10SG-0505ZH30 PEAK-P10SG-0505ZH30 Datasheet
194Kb / 2P
   3 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24
P14SG-0505EH30M PEAK-P14SG-0505EH30M Datasheet
210Kb / 2P
   3 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
P14SG-0505EH52 PEAK-P14SG-0505EH52 Datasheet
197Kb / 2P
   5.2 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
P8SG-0505EH30 PEAK-P8SG-0505EH30 Datasheet
197Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com