Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ7905F Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJ7905F
Description  Three-terminal negative voltage regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJ7905F Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJ7905F Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Co
1μF
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220F Plastic-Encapsulate Voltage Regulator
CJ7905F Three-terminal negative voltage regulator
FEATURES
Maximum Output Current
IOM: 1.5 A
Output voltage
Vo : -5 V
ABSOLUTE MAXIMUM RATINGSO ( perating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
-35
V
Operating Junction Temperature Range
TOPR
0-+150
Storage Temperature Range
TSTG
-65-+150
ELECTRICAL CHARACTERISTICS
(Vi=-10V, Io= 500mA, 0
℃<TJ<125℃,Ci=2μF, Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
TJ=25
-4.8
-5
-5.2
V
Output voltage
Vo
-
7V≤Vi≤-20V, Io=5mA-1A P≤15W
-4.75
-5
-5.25
V
TJ =25
℃, Io=5mA-1.5A
15
100
mV
Load Regulation
∆Vo
TJ =25
℃, Io=250mA-750mA
5
50
mV
-7V≤Vi≤-25V, TJ =25
12.5
50
mV
Line regulation
∆Vo
-8V≤Vi≤-12V, TJ =25
4
15
mV
Quiescent Current
Iq
TJ =25
1.5
2
mA
∆Iq
-7
V≤Vi-25V
0.15
0.5
mA
Quiescent
Current
Change
∆Iq
5mA≤IO≤1A
0.08
0.5
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
125
µV
Ripple Rejection
RR
-8V≤Vi≤-18V, f=120Hz, TJ =25
54
60
dB
Dropout Voltage
Vd
TJ =25
℃, Io=1A
1.1
V
Peak Current
Ipk
TJ =25
2.1
A
TYPICAL APPLICATION
Vi
2
3
Vo
UTC
Ci
2μF
TO-220F
1.
GND
2.
IN
3.
OUT
CJ7905F


Similar Part No. - CJ7905F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ7905 ETC1-CJ7905 Datasheet
44Kb / 1P
   TO-220 Encapsulate Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ7905 JIANGSU-CJ7905 Datasheet
44Kb / 1P
   Three-terminal positive voltage regulator
CJ7905 JIANGSU-CJ7905 Datasheet
95Kb / 1P
   Three-terminal negative voltage regulator
CJ7905 JIANGSU-CJ7905 Datasheet
741Kb / 3P
   Three-terminal negative voltage regulator
CJ7905-TO-220 JIANGSU-CJ7905-TO-220 Datasheet
44Kb / 1P
   Three-terminal positive voltage regulator
More results

Similar Description - CJ7905F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com