Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3BU-057R2E Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P3BU-057R2E
Description  P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P3BU-057R2E Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P3BU-057R2E Datasheet HTML 1Page - PEAK electronics GmbH P3BU-057R2E Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MA SERIES
P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
0.25 W
0.50 W
1.00 W
- 40
0
40
80
100
85
Output
Pin
Connection
#
Single
1
- V Input
4
+ V Input
5
+ V Output
6
Omitted
7
- V Output
8
Omitted
Specification can be changed without notice.
Copyright 2001 PEAK electronics GmbH
REV:2 / 09.2001


Similar Part No. - P3BU-057R2E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P3BU-057R2ELF PEAK-P3BU-057R2ELF Datasheet
138Kb / 3P
   PMA-SERIES
More results

Similar Description - P3BU-057R2E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6BU-053R3E PEAK-P6BU-053R3E Datasheet
248Kb / 3P
   P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8
P2BU-0505E PEAK-P2BU-0505E Datasheet
245Kb / 2P
   P2BU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT DIP8
P3AU PEAK-P3AU Datasheet
199Kb / 2P
   1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT SIP4
P7BU-XXXXE PEAK-P7BU-XXXXE Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P7BU-0505E PEAK-P7BU-0505E Datasheet
244Kb / 3P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
PN6CU-0505E PEAK-PN6CU-0505E Datasheet
264Kb / 3P
   PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6CU-0505E PEAK-P6CU-0505E Datasheet
250Kb / 2P
   P6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P2AU-0505E PEAK-P2AU-0505E Datasheet
214Kb / 2P
   P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
Microdc power Technolog...
B-XMD MICRODC-B-XMD Datasheet
378Kb / 3P
   1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com