Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9870G Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # C9870G
Description  High Performance Pentium짰 4 Clock Synthesizer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9870G Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button C9870G Datasheet HTML 5Page - Cypress Semiconductor C9870G Datasheet HTML 6Page - Cypress Semiconductor C9870G Datasheet HTML 7Page - Cypress Semiconductor C9870G Datasheet HTML 8Page - Cypress Semiconductor C9870G Datasheet HTML 9Page - Cypress Semiconductor C9870G Datasheet HTML 10Page - Cypress Semiconductor C9870G Datasheet HTML 11Page - Cypress Semiconductor C9870G Datasheet HTML 12Page - Cypress Semiconductor C9870G Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
C9870G
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07108 Rev. *A
12/26/2002
Page 9 of 25
Approved Product
AC Parameters (Cont.)
66 MHz
100 MHz
133 MHz
200 MHz
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
TDC
REF Duty Cycle
4555
4555
4555
45
55
%
2, 4
TPeriod
REF period
69.8413
71.0
69.8413
71.0
69.8413
71.0
69.8413
71.0
nS
2, 4
Tr / Tf
REF rise and fall
times
1.0
4.0
1.0
4.0
1.0
4.0
1.0
4.0
nS
2, 3
TCCJ
REF Cycle to
Cycle Jitter
-
1000
-
1000
-
1000
-
1000
pS
2, 4
tpZL, tpZH
Output enable
delay (all outputs)
1.0
10.0
1.0
10.0
1.0
10.0
1.0
10.0
nS
11
tpLZ, tpZH
Output disable
delay (all outputs)
1.0
10.0
1.0
10.0
1.0
10.0
1.0
10.0
nS
11
tstable
All clock
Stabilization from
power-up
-3-3-3-
3
mS
11
tss
Stopclock Set Up
Time
10.0
-
10.0
-
10.0
-
10.0
-
nS
10
tsh
Stopclock Hold
Time
0-
0-
0-
0
-
nS
10
tsu
Oscillator startup
time
-X
-X
-X
-
X
mS
12
(VDD = VDDA = 3.3V
±5%, TA = 0
°C to +70°C)
Note 1:
This parameter is measured as an average over 1uS duration, with a crystal center frequency of 14.31818MHz
Note 2:
All outputs loaded as per table 5 below.
Note 3:
Probes are placed on the pins, and measurements are acquired between 0.4V and 2.4V for 3.3V signals (see test and measurement
setup section of this data sheet)
Note 4:
Probes are placed on the pins, and measurements are acquired at 1.5V for 3.3V signals (see test and measurement setup section of this
data sheet).
Note 5:
This measurement is applicable with Spread ON or Spread OFF.
Note 6:
Measured from Vol = 0.175V to Voh = 0.525V.
Note 7:
Measurements taken from common mode waveforms, measure rise/fall time from 0.41 to 0.86V. Rise/fall time matching is defined as “the
instantaneous difference between maximum clk rise (fall) and minimum clk# fall (rise) time, or minimum clk rise (fall) and maximum clk#
fall (rise) time”. This parameter is designed form waveform symmetry.
Note 8:
The time specified is measured from when all VDD’s reach their supply rail (3.3V) till the frequency output is stable and operating within
the specifications.
Note 9:
Measured from when both SEL1 and SEL0 are low
Note 10: CPU_STP# and PCI_STP# setup time with respect to any PCI_F clock to guarantee that the effected clock will stop or start at the next
PCI_F clock’s rising edge.
Note 11: When Xin is driven from an external clock source.
Note 12: When Crystal meets minimum 40 ohm device series resistance specification.
Note 13: Measured between 0.2Vdd and .7Vdd
Note 14: This is required for the duty cycle on the REF clock out to be as specified. The device will operate reliably with input duty cycles up to
30/70 but the REF clock duty cycle will not be within data sheet specifications.
Note 15: Vpullup(external)=1.5V, Min=(Vpullup(external)/2)-150mV, Max=(Vpullup(external)/2)+150mV
Note 16: Vp = V pull-up (external), Vdif specifies the minimum input differential voltage (Vtr-Vcp) required for switching, where Vtr is the true input
level and Vcp is the compliment input level.
Note 17: Measured at crossing point (Vx) or where subtraction of CLK-CLK# crosses 0 volts.
Note 18: This figure is additive to any jitter already present when the 66IN pin is being used as an input. Otherwise a 500 ps jitter figure is
specified.
Note 19: THIGH is measured at 2.4V for non host outputs.
Note 20: TLOW is measured at 0.4V for all outputs.
Note 21: Determined as a fraction of 2*(Trise-Tfall)/ (Trise+Tfall).
Note 22: Test load is Rta=33.2 ohms, Rd=49.9 ohms.
Note 23: These crossing points refer to only crossing points containing a rising edge of a Host output.
Note 24: This measurement refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing.
Note 25: Measurement taken from differential waveform, from –0.35V to +0.35V.
Note 26: Measured in absolute voltage, i.e. single-ended measurement.


Similar Part No. - C9870G

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C987U472JZSDAA7317 KEMET-C987U472JZSDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C987U472JZSDBA7317 KEMET-C987U472JZSDBA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C987U472JZSDCA7317 KEMET-C987U472JZSDCA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C987U472JZSDDA7317 KEMET-C987U472JZSDDA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C987U472JZVDAA7317 KEMET-C987U472JZVDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
More results

Similar Description - C9870G

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28342 SPECTRALINEAR-CY28342 Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
logo
Cypress Semiconductor
C9827H CYPRESS-C9827H Datasheet
171Kb / 25P
   High Performance Pentium 4 Clock Synthesizer
logo
SpectraLinear Inc
CY2254A SPECTRALINEAR-CY2254A Datasheet
111Kb / 7P
   Pentium짰 Processor Compatible Clock Synthesizer/Driver
logo
Cypress Semiconductor
CY28342 CYPRESS-CY28342 Datasheet
178Kb / 22P
   High-performance SiS645/650 Pentium 4 Clock Synthesizer
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Cypress Semiconductor
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
logo
Exar Corporation
XR81101 EXAR-XR81101 Datasheet
208Kb / 8P
   Universal Clock - High Frequency LVCMOS Clock Synthesizer
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com