Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6LG053R3ZS Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P6LG053R3ZS
Description  3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6LG053R3ZS Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6LG053R3ZS Datasheet HTML 1Page - PEAK electronics GmbH P6LG053R3ZS Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M2 SERIES
P6LG-XXXXZS 3KV ISOLATED 0,6 – 1 W REGULATED DUAL SPLIT OUTPUT SIP7
Dimensions
19,5 mm
9,50 mm
6,00 mm
1,25 mm
0,50 mm
0,25 mm
(0,76 inch)
(0,37 inch)
(0,05 inch)
(0,01 inch)
(0,02 inch)
(0,24 inch)
Peak
(0,02 inch)
0,5 mm
3,05 mm (0,12 inch)
Printed Face
MM/JJ
5
Modelcode
6
7
12
4
0,50 mm
(0,02 inch)
2,54 mm
15,20 mm
(0,10 inch)
(0,60 inch)
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
0.60 W
0.70 W
1.00 W
- 40
0
40
80
100
85
Output
Pin
Connection
#
Dual Split
1
+ V
Input
2
- V
Input
4
Omitted
5
+ V2 Output
6
Ground
7
+ V1 Output
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Similar Part No. - P6LG053R3ZS

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6LG-0505EK PEAK-P6LG-0505EK Datasheet
149Kb / 3P
   Short Circuit Protection
P6LG-0505ELF PEAK-P6LG-0505ELF Datasheet
137Kb / 3P
   Low Ripple and Noise
P6LG-0505ZSLF PEAK-P6LG-0505ZSLF Datasheet
135Kb / 2P
   PM2-SERIES
P6LG-0509EK PEAK-P6LG-0509EK Datasheet
149Kb / 3P
   Short Circuit Protection
P6LG-0509ELF PEAK-P6LG-0509ELF Datasheet
137Kb / 3P
   Low Ripple and Noise
More results

Similar Description - P6LG053R3ZS

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6MG0503ZS PEAK-P6MG0503ZS Datasheet
268Kb / 2P
   3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14
P6CG0503ZS PEAK-P6CG0503ZS Datasheet
177Kb / 2P
   P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7
PB6FG-123R3Z21H30 PEAK-PB6FG-123R3Z21H30 Datasheet
218Kb / 2P
   3KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB6FG-123R3E21H30 PEAK-PB6FG-123R3E21H30 Datasheet
217Kb / 2P
   3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB10FG-1205Z21H30 PEAK-PB10FG-1205Z21H30 Datasheet
216Kb / 2P
   3KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6CG-0503E PEAK-P6CG-0503E Datasheet
102Kb / 2P
   P6CG-XXXXE 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT SIP7
PB10FG-1205E21H30 PEAK-PB10FG-1205E21H30 Datasheet
215Kb / 2P
   3KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
P10LU-0505E PEAK-P10LU-0505E Datasheet
225Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com