Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6MG123R3ZS Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P6MG123R3ZS
Description  3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6MG123R3ZS Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P6MG123R3ZS Datasheet HTML 1Page - PEAK electronics GmbH P6MG123R3ZS Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
M2 SERIES
P6MG-XXXXZS 3KV ISOLATED 0,6 – 1 W REGULATED DUAL SPLIT OUTPUT DIP14
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
3.0, 3.3, 4.85 and 5 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
3000 VDC
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
80 pF typ.
Output Specifications
Voltage accuracy
+/- 1 %, max.
Ripple and noise (at 20 MHz BW)
50 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 0,4 %
Load voltage regulation
+/- 0,3 %
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
60 % to 75 %
Switching frequency
45 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 40° C to + 85° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions DIP
20.32 x 10.16 x 6.85 mm
0.80 x 0.40 x 0.27 inches
Weight
2,5 g
Case material
Non conductive black plastic
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P6MG0503ZS
5
20
196
3/3
100/100
61
P6MG053R3ZS
5
21
212
3,3/3,3
100/100
62
P6MG054R8ZS
5
21
300
4,85/4,85
100/100
64
P6MG0505ZS
5
22
313
5/5
100/100
64
P6MG1203ZS
12
18
81
3/3
100/100
62
P6MG123R3ZS
12
18
88
3,3/3,3
100/100
62
P6MG124R8ZS
12
16
123
4,85/4,85
100/100
65
P6MG1205ZS
12
15
128
5/5
100/100
65
P6MG2403ZS
24
16
40
3/3
100/100
62
P6MG243R3ZS
24
16
44
3,3/3,3
100/100
62
P6MG244R8ZS
24
15
62
4,85/4,85
100/100
65
P6MG2405ZS
24
14
64
5/5
100/100
65


Similar Part No. - P6MG123R3ZS

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6MG-0505ELF PEAK-P6MG-0505ELF Datasheet
129Kb / 3P
   PM4-SERIES
P6MG-0509ELF PEAK-P6MG-0509ELF Datasheet
129Kb / 3P
   PM4-SERIES
P6MG-0512ELF PEAK-P6MG-0512ELF Datasheet
129Kb / 3P
   PM4-SERIES
P6MG-0515ELF PEAK-P6MG-0515ELF Datasheet
129Kb / 3P
   PM4-SERIES
P6MG-053R3ELF PEAK-P6MG-053R3ELF Datasheet
129Kb / 3P
   PM4-SERIES
More results

Similar Description - P6MG123R3ZS

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6LG0503ZS PEAK-P6LG0503ZS Datasheet
177Kb / 2P
   3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7
PB6FG-123R3Z21H30 PEAK-PB6FG-123R3Z21H30 Datasheet
218Kb / 2P
   3KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
P6CG0503ZS PEAK-P6CG0503ZS Datasheet
177Kb / 2P
   P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7
P10MU-0505Z PEAK-P10MU-0505Z Datasheet
264Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
P6MU-053R3Z PEAK-P6MU-053R3Z Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P6DG-0503E PEAK-P6DG-0503E Datasheet
101Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
PB6FG-123R3E21H30 PEAK-PB6FG-123R3E21H30 Datasheet
217Kb / 2P
   3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB10FG-1205Z21H30 PEAK-PB10FG-1205Z21H30 Datasheet
216Kb / 2P
   3KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
P6MU-0505E PEAK-P6MU-0505E Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P10MU-0505E PEAK-P10MU-0505E Datasheet
253Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com