Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP674AA Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP674AA
Description  12-bit Sampling A/D Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AA Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP674AA Datasheet HTML 4Page - Sipex Corporation SP674AA Datasheet HTML 5Page - Sipex Corporation SP674AA Datasheet HTML 6Page - Sipex Corporation SP674AA Datasheet HTML 7Page - Sipex Corporation SP674AA Datasheet HTML 8Page - Sipex Corporation SP674AA Datasheet HTML 9Page - Sipex Corporation SP674AA Datasheet HTML 10Page - Sipex Corporation SP674AA Datasheet HTML 11Page - Sipex Corporation SP674AA Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
10
signals between ground traces and cross digital
lines at right angles only.
Grounding Considerations
Any ground path from the analog and digital
ground should be as low resistance as possible to
accommodate the ground currents present with
this device.
The analog ground current is approximately 6mA
DC while the digital ground is 3mA DC. The
analog and digital common pins should be tied
together as close to the package as possible to
guarantee best performance. The code–depen-
dent currents flow through the V
LOGIC and VCC
terminals and not through the analog and digital
common pins.
Power Supplies
The supply voltages for the SPx74A must be
kept as quiet as possible from noise pickup and
also regulated from transients or drops. Because
the part has 12–bit accuracy, voltage spikes on
the supply lines can cause several LSB devia-
tions on the output. Switching power supply
noise can be a problem. Careful filtering and
shielding should be employed to prevent the
noise from being picked up by the converter.
Capacitor bypass pairs are needed from each
supply pin to its respective ground to filter noise
and counter the problems caused by the varia-
tions in supply current. A 10
µF tantalum and a
0.1
µF ceramic type in parallel between V
LOGIC
(pin 1) and digital common (pin15), and V
CC (pin
7) and analog common (pin 9) is sufficient. V
EE
is generated internally so pin 11 may be grounded
or connected to a negative supply if the SPx74A
is being used to upgrade an already existing
design.
CALIBRATION AND CONNECTION
PROCEDURES
Unipolar
The calibration procedure consists of adjusting
the converter’s most negative output to its ideal
value for offset adjustment, and then adjusting
the most positive output to its ideal value for gain
adjustment.
Starting with offset adjustment and referring to
Figure 4, the midpoint of the first LSB increment
should be positioned at the origin to get an output
code of all 0s. To do this, an input of +1
2 LSB or
+1.22mV for the 10V range and +2.44mV for the
20V range should be applied to the SPx74A.
Adjust the offset potentiometer R
1 for code tran-
sition flickers between 0000 0000 0000 and
0000 0000 0001.
The gain adjustment should be done at positive
full scale. The ideal input corresponding to the
last code change is applied. This is 11
2LSB
below the nominal full scale which is +9.9963V
for the 10V range and +19.9927V for the 20V
range. Adjust the gain potentiometer R
2 for flicker
between codes 1111 1111 1110 and 1111 1111
1111. If calibration is not necessary for the
intended application, replace R
2 with a 50Ω, 1%
metal film resistor and remove the network ana-
Figure 6. SPx74A Control Logic
STS
DELAY
R
CK
Q
D
H
D
CK
Q
Q
EOC8
EOC12
CE
R/C
A0
CS
12/8
READ CONTROL
A0 LATCH
INPUT BUFFERS
NIBBLE B ZERO
OVERRIDE
NIBBLE A, B
NIBBLE C


Similar Part No. - SP674AA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP674BA SIPEX-SP674BA Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BB SIPEX-SP674BB Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BJ SIPEX-SP674BJ Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BK SIPEX-SP674BK Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BS SIPEX-SP674BS Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
More results

Similar Description - SP674AA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com