Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP674AL Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP674AL
Description  12-bit Sampling A/D Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AL Datasheet(HTML) 2 Page - Sipex Corporation

  SP674AL Datasheet HTML 1Page - Sipex Corporation SP674AL Datasheet HTML 2Page - Sipex Corporation SP674AL Datasheet HTML 3Page - Sipex Corporation SP674AL Datasheet HTML 4Page - Sipex Corporation SP674AL Datasheet HTML 5Page - Sipex Corporation SP674AL Datasheet HTML 6Page - Sipex Corporation SP674AL Datasheet HTML 7Page - Sipex Corporation SP674AL Datasheet HTML 8Page - Sipex Corporation SP674AL Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
4
ABSOLUTE MAXIMUM RATINGS
V
CC to Digital Common .................................................. 0 to +16.5V
V
LOGIC to Digital Common ................................................... 0 to +7V
Analog Common to Digital Common .........................................
±1V
Control Inputs to Digital Common ................. –0.5V to V
LOGIC +0.5V
(CE, CS, A
0, 12/8, R/C)
Analog Inputs to Analog Common ......................................
±16.5V
(REF IN, BIP OFF, 10V
IN)
20V
IN to Analog Common ........................................................ ±24V
REF OUT ............................................... Indefinite short to common
Momentary short to V
CC
Power Dissipation ............................................................. 1000mW
Lead Temperature, Soldering ................................... 300˚C, 10Sec
ΘJ/C ................................................................................... 45˚C/W
MTBF–25˚C Ground Base ................................ 2.915 million hours
MTBF–125˚C Missile Launch ...................... 10.16 thousand hours
Inputs exceeding +30% or –30% of FS will cause erratic performance.
CAUTION:
ESD (ElectroStatic Discharge) sensitive
device. Permanent damage may occur on
unconnected devices subject to high energy
electrostatic fields. Unused devices must be
stored in conductive foam or shunts.
Personnel should be properly grounded prior
to handling this device. The protective foam
should be discharged to the destination
socket before devices are removed.
SPECIFICATIONS
(Typical @ 25
°C with V
CC = +15V, VEE = 0V, VLOGIC = +5V unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
RESOLUTION
All models
12
Bits
ANALOG INPUTS
Input Ranges
Bipolar
±5, ±10
V
Unipolar
0 to +10, 0 to +20
V
Input Impedance
10 Volt Input
3.75
6.25
K
20 Volt Input
15
25
K
DIGITAL INPUTS
Logic Inputs CE, CS R/C, A
O, 12/8
Logic 1
+2.4
+5.5
V
Logic 0
–0.3
+0.8
V
Current
±0.1
±50
µA
0V to +5.5V Input
Capacitance
5
pF
12/8 Control Input
Hardwire to V
LOGIC or DIGITAL COMMON (SP574A only)
DIGITAL OUTPUTS
Logic Outputs DB
11–DB0, STS
Logic 1
+2.4
V
I
SOURCE ≤ 500µA
Logic 0
+0.4
V
I
SINK ≤ 1.6mA
Leakage (High Z State)
±40
µA
Data bits only
Capacitance
5
pF
Parallel Data Output Codes
Unipolar
Positive true binary
Bipolar
Positive true offset binary
REFERENCE
Internal
10.00
±0.1
V
Output Current
2
mA
Note 1
CONVERSION TIME
HS574A
12–Bit Conversion
13
25
µs
8–Bit Conversion
10
19
µs
SP674A
12–Bit Conversion
9
15
µs
8–Bit Conversion
6
11.25
µs


Similar Part No. - SP674AL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP674BA SIPEX-SP674BA Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BB SIPEX-SP674BB Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BJ SIPEX-SP674BJ Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BK SIPEX-SP674BK Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BS SIPEX-SP674BS Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
More results

Similar Description - SP674AL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com