Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN-2-45 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SCN-2-45
Description  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SCN-2-45 Datasheet(HTML) 1 Page - Mini-Circuits

  SCN-2-45 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2 Way-0° 50
3700 to 4200 MHz
Power Splitter/Combiner
Ultra-Small Ceramic
CASE STYLE: FV1206-1
PRICE: $ 2.50 ea. QTY (10-49)
$ 0.99 ea. QTY (100)
SCN-2-45
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
3700
3800
3900
4000
4100
4200
FREQUENCY(MHz)
S-1(dB)
S-2 (dB)
SCN-2-45
ISOLATION
0
5
10
15
20
25
30
3700
3800
3900
4000
4100
4200
FREQUENCY (MHz)
SCN-2-45
RETURN LOSS
0
5
10
15
20
25
30
35
3700
3800
3900
4000
4100
4200
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
S-1
Amplitude
Unbalance
(dB)
Isolation
(dB)
(dB)
S-2
Phase
Unbalance
(deg.)
Maximum Ratings
Pin Connections
Features
SUM PORT
2
PORT 1
6
PORT 2
4
GROUND
1,3,5
PORT 1-2
resistor external 100 OHMS
Applications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
4W* max.
Splitter Electrical Specifications
REV. A
M98898
SCN-2-45
ED-11378C/2
AD/TD/CP
051107
• isolation resistor, external 100 ohms
• low insertion loss, 0.7 dB typ.
• excellent amplitude unbalance, 0.2 dB typ.
• excellent phase unbalance, 1.5 deg. typ.
• high isolation, 22 dB typ.
• excellent power handling, 4W as splitter
• small size, 0.12”X0.06”X0.035”
• ESD non-sensitive
• temperature stable LTCC technology
• wrap around terminations for excellent solderability
• low cost
• patent pending
• maritime mobile
Typ. Max.
PHASE
UNBALANCE
(Degrees)
INSERTION LOSS
(dB)
ABOVE 3.0 dB
AMPLITUDE
UNBALANCE
(dB)
MODEL
NO.
FREQUENCY
(MHz)
RETURN LOSS
(dB)
ISOLATION
(dB)
Typ. Min.
Typ. Max.
Typ. Max.
INPUT
Typ.
OUTPUT
Typ.
*derate linearly to 1.3W at 100°C ambient, power input as
combiner is limited by rating of extemal 100
Ω resistor.
3700.00
3.55
3.37
0.18
16.04
1.57
17.81
22.02
28.10
3720.00
3.55
3.38
0.17
16.28
1.65
18.21
21.85
27.94
3740.00
3.54
3.39
0.15
16.49
1.66
18.58
21.83
27.36
3760.00
3.53
3.40
0.13
16.69
1.60
18.81
21.77
27.02
3780.00
3.53
3.41
0.12
16.91
1.46
18.96
21.52
26.95
3800.00
3.53
3.41
0.12
17.16
1.31
19.12
21.17
26.69
3864.00
3.54
3.38
0.16
17.92
1.09
19.67
20.59
25.75
3896.00
3.54
3.36
0.18
18.33
1.16
20.06
20.04
24.89
3960.00
3.54
3.34
0.19
19.05
1.26
20.35
19.56
23.33
4016.00
3.54
3.35
0.19
19.83
1.35
20.24
19.39
22.30
4044.00
3.54
3.35
0.19
20.24
1.35
20.20
19.35
21.98
4072.00
3.55
3.36
0.19
20.68
1.35
19.94
18.95
21.14
4100.00
3.55
3.36
0.19
21.14
1.38
19.60
18.59
20.57
4150.00
3.56
3.37
0.19
21.95
1.40
18.95
18.16
20.17
4200.00
3.58
3.38
0.19
22.97
1.44
18.34
17.92
19.66
S
2
1
Return Loss
(dB)
SCN-2-45
(+)
3700-4200
0.7
1.0
20
13
1.5
4
0.2
0.4
14
17
3800-4100
0.7
1.0
22
15
1.5
4
0.2
0.4
16
17
RF OUT-1
RF OUT-2
RF IN
6
4
2
100
EXTERNAL
SCN-2-45+
SCN-2-45
electrical schematic
Outline Dimensions (
)
Outline Drawing
AB
C
D
E
F
.126
.063
.037
.024
.022
.012
3.20
1.60
0.94
0.61
0.56
0.30
GH
J
K
wt
.039
.042
.024
.123
grams
0.99
1.07
0.61
3.12
.020
inch
mm
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
See our web site for RoHS Compliance methodologies
and qualifications.
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Demo Board MCL P/N: TB-252
Suggested PCB Layout (PL-129)


Similar Part No. - SCN-2-45

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-2-11 MINI-SCN-2-11 Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
SCN-2-15 MINI-SCN-2-15 Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
SCN-2-19 MINI-SCN-2-19 Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
SCN-2-22 MINI-SCN-2-22 Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
SCN-2-27 MINI-SCN-2-27 Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
More results

Similar Description - SCN-2-45

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com