Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP674AT883 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP674AT883
Description  12-bit Sampling A/D Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP674AT883 Datasheet(HTML) 3 Page - Sipex Corporation

  SP674AT883 Datasheet HTML 1Page - Sipex Corporation SP674AT883 Datasheet HTML 2Page - Sipex Corporation SP674AT883 Datasheet HTML 3Page - Sipex Corporation SP674AT883 Datasheet HTML 4Page - Sipex Corporation SP674AT883 Datasheet HTML 5Page - Sipex Corporation SP674AT883 Datasheet HTML 6Page - Sipex Corporation SP674AT883 Datasheet HTML 7Page - Sipex Corporation SP674AT883 Datasheet HTML 8Page - Sipex Corporation SP674AT883 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
5
SPECIFICATIONS (continued)
(Typical @ 25
°C with V
CC = +15V, VEE = 0V, VLOGIC = +5V unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
ACCURACY
Linearity Error @ 25
°C
–J, –S
±1.0
LSB
@ 25
°C and T
MIN to TMAX
–K, –L, –T, –U
±0.5
LSB
@ 25
°C and T
MIN to TMAX
Differential Linearity Error
Note 2
–J, –S
11
Bits
@ 25
°C
11
Bits
T
MIN to TMAX
–K, –L, –T, –U
12
Bits
@ 25
°C
12
Bits
T
MIN to TMAX
Offset
Note3
Unipolar
±2
LSB
Bipolar
–J, –S
±10
LSB
–K, –L, –T, –U
±4
LSB
Full Scale (Gain) Error
% of full scale; T
MIN to TMAX
±0.3
%FS
Note 4
–J
±0.5
%FS
No adjustment @ 25
°C
±0.22
%FS
With adjustment @ 25
°C
–K
±0.4
%FS
No adjustment @ 25
°C
±0.12
%FS
With adjustment @ 25
°C
–L
±0.35
%FS
No adjustment @ 25
°C
±0.05
%FS
With adjustment @ 25
°C
–S
±0.8
%FS
No adjustment @ 25
°C
±0.5
%FS
With adjustment @ 25
°C
–T
±0.6
%FS
No adjustment @ 25
°C
±0.25
%FS
With adjustment @ 25
°C
–U
±0.4
%FS
No adjustment @ 25
°C
±0.12
%FS
With adjustment @ 25
°C
STABILITY
Unipolar Offset
–J
±10
ppm/
°CT
MIN to TMAX
–K, –L, –S
±5
ppm/
°CT
MIN to TMAX
–T, –U
±2.5
ppm/
°CT
MIN to TMAX
Bipolar Offset
–J, –S
±10
ppm/
°CT
MIN to TMAX
–K, –L, –T
±5
ppm/
°CT
MIN to TMAX
–U
±2.5
ppm/
°CT
MIN to TMAX
Gain (Scale Factor)
–J, –S
±50
ppm/
°CT
MIN to TMAX
–K, –T
±25
ppm/
°CT
MIN to TMAX
–L, –U
±10
ppm/
°CT
MIN to TMAX
PSRR
V
LOGIC
±0.5
LSB
+4.5V
≤ V
LOGIC ≤ +5.5V
V
CC
Note 5
–J, –S
±2
LSB
–K, –L, –T, –U
±1
LSB
POWER REQUIREMENTS
V
LOGIC
+4.5
+5.5
V
I
LOGIC
HS574A
13
mA
SP674A
13
mA
V
CC
+11.4
+16.5
V
I
CC
HS574A
79
mA
SP674A
79
mA


Similar Part No. - SP674AT883

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP674BA SIPEX-SP674BA Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BB SIPEX-SP674BB Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BJ SIPEX-SP674BJ Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BK SIPEX-SP674BK Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
SP674BS SIPEX-SP674BS Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
More results

Similar Description - SP674AT883

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
   12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com