Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1581KCN220 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM1581KCN220
Description  5A LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM1581KCN220 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM1581KCN220 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1581KCN220 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1581KCN220 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1581KCN220 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1581KCN220 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1581KCN220 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1581KCN220 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1581KCN220 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1581KCN220 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CM1581
5A LOW DROPOUT VOLTAGE REGULATOR
2002/02/05
Preliminary Rev. 1
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0mA, and TJ = +25℃; unless otherwise noted
CM1581
Parameter
Device
Test Conditions
Min.
Typ.
Max.
Unit
CM1581D
VCONTROL = 3.3V, VPOWER = 2.5V
1.792
1.800
1.818
V
CM1581K
VCONTROL = 5.0V, VPOWER = 3.3V
2.474
2.500
2.525
V
CM1581S
VCONTROL = 5.8V, VPOWER = 3.8V
3.267
3.300
3.333
V
Output Voltage
CM1581ZJ
VCONTROL = 7.5V, VPOWER = 5.5V
4.950
5.000
5.050
V
CM1581D
VCONTROL = 3.3V, VPOWER = 2.5V
1.771
1.800
1.829
V
CM1581K
VCONTROL = 5.0V, VPOWER = 3.3V
2.460
2.500
2.540
V
CM1581S
VCONTROL = 5.0V, VPOWER = 4.1V
3.247
3.300
3.353
V
Output Voltage
CM1581ZJ
VCONTROL = 6.5V, VPOWER = 5.8V
IOUT = 5A
4.920
5.000
5.080
V
VCONTROL = 5.0V, VPOWER = 3.3V (note1)
1.238
1.250
1.262
V
Reference Voltage CM1581(adj)
VCONTROL = (VOUT + 1.5V) to 12V, VPOWER = (VOUT +
0.8V) to 7V, IOUT = 10mA to 5A
1.230
1.250
1.270
V
Line Regulator (note 2)
1.5V+ VOUT <= VCONTROL <= 12V,
0.8V<= VPOWER - VOUT <= 5.5V
0.04
0.20
%
Load Regulation (note 2)
VCONTROL = VOUT + 2.5V, VPOWER = VOUT + 0.8V,
IOUT = 10mA to 5A
0.08
0.3
%
IOUT = 10mA
Dropout Voltage (Note 3)
VCONTROL - VOUT
VPOWER = VOUT + 0.8V
IOUT = 5A
1.00
1.15
1.15
1.30
V
IOUT = 10mA
Dropout Voltage (Note 3)
VPOWER - VOUT
VCONTROL = VOUT + 2.5V
IOUT = 5A
0.10
0.45
0.17
0.50
V
Adjust Pin Current
VCONTROL = 2.75V, VPOWER = 2.05V,
IOUT = 10mA
50
120
µA
Control Pin Current
VCONTROL = VOUT + 2.5V, VPOWER = VOUT + 0.8V,
IOUT = 10mA to 5A
80
135
mA
Current Limit
(VIN – VOUT ) = 1.5V
5.1
6.8
A
Minimum Load Current (Note 4)
VCONTROL = 5.0V, VPOWER = 3.3V
5
10
mA
Ripple Rejection (Note 5)
VCONTROL = VPOWER = VOUT + 2.5V,
VRIPPLE = 1VPP, IOUT = 2.5A
60
80
dB
Thermal Regulation
TA = 25℃
0.003
%/W
Note 1: Output voltage is set to be 2.5V.
Note 2: Line and load regulations are guaranteed up to maximum power dissipation determined by input/output differential and
the output current. However, the maximum power will not be available over the full input/output voltage range.
Note 3: The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Note 4: The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor
divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 5: These parameters, although guaranteed, are not tested in production prior to shipment.


Similar Part No. - CM1581KCN220

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM158 VCC-CM158 Datasheet
32Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
CM1580 CML-CM1580 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1580 VCC-CM1580 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CM1582CN220 ETC2-CM1582CN220 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1581KCN220

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com