Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS12T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS12T3
Description  12 V, 3 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 3 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor SS12T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSS12200WT1G
http://onsemi.com
3
0.1
0
0.5
1
0.3
100
10
0
IC, COLLECTOR CURRENT (AMPS)
Figure 1. Collector Emitter Voltage vs. Base Current
Figure 2. Collector Emitter Voltage vs. Collector Current
0.5
0.001
0.1
1
IB, BASE CURRENT (mA)
0.2
0.01
IC = 100 mA
500 mA
IC/IB = 100
0.1
0.4
800 mA
1 A
2 A
0.2
0.3
0.4
IC/IB = 10
1
0.1
0.01
300
200
100
0
TA = −55°C
25
°C
125
°C
0.001
VCE = 1.5 V
400
0.01
0.1
1
10
Figure 3. DC Current Gain vs. Collector
Current
IC, COLLECTOR CURRENT (AMPS)
Figure 4. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (AMPS)
Figure 5. Base Emitter Saturation Voltage vs.
Base Current
VCE, COLLECTOR EMITTER VOLTAGE (VOLTS)
0.001
0.1
0.01
1
0.5
0.3
1.0
0.1
10
1
Figure 6. Safe Operating Area
0.6
1
0.01
0.001
0.7
0.8
0.9
1.0
0.1
IC, COLLECTOR CURRENT (AMPS)
0.4
0.7
0.6
0.9
0.8
TA = −55°C
25
°C
125
°C
VCE = 1.5 V
IC/IB = 100
IC/IB = 10
SINGLE PULSE TA = 25°C
1 ms
10 ms
100 ms
dc
1 s


Similar Part No. - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Similar Description - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12200WT1G ONSEMI-NSS12200WT1G_09 Datasheet
134Kb / 5P
   12 V, 3 A, Low VCE(sat) PNP Transistor
October, 2009 ??Rev. 1
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G Datasheet
102Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12100XV6T1G ONSEMI-NSS12100XV6T1G Datasheet
100Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G_07 Datasheet
108Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12100UW3TCG ONSEMI-NSS12100UW3TCG Datasheet
86Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com