Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP705D Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP705D
Description  NPN Pho to tran sistor with Base-Emit ter Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP705D Datasheet(HTML) 1 Page - OPTEK Technologies

  OP705D Datasheet HTML 1Page - OPTEK Technologies OP705D Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Narrow receiving angle
Variety of sensitivity ranges
T-1 package style
Small package size for space limited
applications
Base-emitter resistor provides ambient
light protection
Description
The OP705 series devices consist of
NPN silicon phototransistors molded in
blue tinted epoxy packages. The narrow
receiving angle provides excellent on-
axis coupling. These devices are 100%
production tested using infrared light for
close correlation with Optek
’s GaAs and
GaAlAs emitters.
The phototransistor has an internal base-
emitter resistor which provides protection
from low level ambient lighting
conditions. This feature is also useful
when the media being detected is semi-
transparent to infrared light in interruptive
applications.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Collector-Emitter Voltage. . . .......... . . . . . ... . . ......... . .. . . . ... . . . 30 V
Emitter Reverse Current... . . . .. . ... . . .... . . ... . . . .. . ... . . .... . . ... 10 mA
Collector DC Current ..... . . . .. . ... . . .... . . ... . . . .. . ... . . .... . . ... 30 mA
Storage and Operating Temperature Range. . ... . . ......... . . -40
o C to +100o C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering
iron] . . . .... . . ... . .. . . . ... . . .... . . ... . .. . . . ... . . .... . . ... . .. . 260
o C(1)
Power Dissipation ..... . . . .. . ... . . ......... . . . .. . ... . . .... . . .. 100 mW
(2)
Ò±¬»-æ
(1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
Max. 20 grams force may be applied to leads when soldering.
(2) Derate linearly 1.33 mW/
o C above 25o C.
(3) Light source is an unfiltered GaAs LED with a peak emission wavelength of 935 nm and a
radiometric intensity level which varies less than 10% over the entire lens surface of the
phototransistor being tested.
(4) The knee point irradiance is defined as the irradiance required to increase IC(ON) to 50•• A.
Typical Performance Curves
Product Bulletin OP705
March 1999
NPN Phototransis
tor with Base-Emitter Resistor
Types OP705A, OP705B, OP705C, OP705D
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
̧°·½¿´ Í°»½¬®¿´ λ-°±²-»
É¿ª»´»²¹¬¸ ó ²³
5
Schematic


Similar Part No. - OP705D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP705A TTELEC-OP705A Datasheet
1Mb / 10P
   NPN Silicon Phototransistor
More results

Similar Description - OP705D

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP793 OPTEK-OP793 Datasheet
258Kb / 3P
   NPN Pho to tran sis tor with Base- Emitter Resistor
logo
TECH PUBLIC Electronics...
MMBT3904M TECHPUBLIC-MMBT3904M Datasheet
1Mb / 4P
   TRAN (NPN) SISTOR (NPN)
logo
OPTEK Technologies
OP750A OPTEK-OP750A Datasheet
438Kb / 2P
   NPN Pho totransistor with Base- Emitter Resistor
logo
Infineon Technologies A...
BSP316P INFINEON-BSP316P_16 Datasheet
407Kb / 9P
   SIPMOS Small-Signal-Tran sistor
Rev. 2.0 2016-05-30
logo
OPTEK Technologies
OP755A OPTEK-OP755A Datasheet
305Kb / 2P
   NPN Photo transistor with Base-Emitter Resistor
OP770A OPTEK-OP770A Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
logo
Diodes Incorporated
DDC144TU DIODES-DDC144TU Datasheet
237Kb / 6P
   DUAL NPN TRANSISTORS WITH 47K OHM BASE RESISTOR
DS30767 Rev. 6 - 2
logo
Rohm
DTC143EEFRA ROHM-DTC143EEFRA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Tran
logo
General Semiconductor
2N6576 GE-2N6576 Datasheet
209Kb / 5P
   15 AMPERE NPN DARLINGTON POWER TRAN
logo
NEC
NESG2101M16 NEC-NESG2101M16 Datasheet
83Kb / 2P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com