Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1581CN263 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CM1581CN263
Description  5A LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM1581CN263 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CM1581CN263 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1581CN263 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1581CN263 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1581CN263 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1581CN263 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1581CN263 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1581CN263 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1581CN263 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM1581CN263 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CM1581
5A LOW DROPOUT VOLTAGE REGULATOR
2002/02/05
Preliminary Rev. 1
Champion Microelectronic Corporation
Page 6
APPLICATION INFORMATION
General
The CM1581 series is designed to power the new generation of microprocessors. It is designed to make use of multiple power
supplies, present in most systems, to reduce the dropout voltage. One of the advantages of the two-supply approach is
maximizing the efficiency.
The second supply is at least 1V greater than output voltage and is providing the power for the control circuitry and supplies the
drive current to the NPN output transistor. This allows the NPN output transistor to be driven into saturation. For the control
voltage the current requirement is small, about 1% of the output current or approximately 50mA for a 5A load. This drive current
becomes part of the output current. The maximum voltage on the Control pin is 13V. The maximum voltage at the Power pin is 7V.
By trying the control and power inputs together the CM1581 can be operated as a single supply device. In single supply operation,
the dropout voltage will be determined by the minimum the Control voltage.
The new generation of microprocessors cycle load current from several hundred milliampers to several amperes in tens of
nanoseconds. Output voltage tolerances are tighter and include transient response as part of the specification. Designed to meet
the fast current load step requirements of these microprocessors, the CM1581 also saves total cost by needing less output
capacitance to maintain regulation.
The sense pin permits very accurate regulation of output voltage. As a result, over an output current range of 100mA to 5A, the
typical load regulation is less than 1mV.
In addition to the enhancements mentioned, the reference accuracy has been improved a factor of two with a guaranteed initial
tolerance of ±1% at 25℃ and 1.6% accuracy over the full temperature and load current load.
Typical applications for the CM1581 include 3.3V to 2.5V conversion with a 5V control supply, 5V to 4.2V conversion with a 12V
control supply or 5V to 3.6V conversion with a 12V control supply. It is easy to obtain dropout voltages of less than 0.5V at 2.5A
along with excellent static and dynamic specifications. The device is fully protected against over current and over temperature
conditions.
Grounding and Output Sensing
The CM1581 adjustable voltage version allows true Kelvin sensing for both the high and low side of the load. As a result the
voltage regulation at the load can be easily optimized. Voltage drops due to parasitic resistances between the regulator and the
load can be placed inside the regulation loop. The advantages of remote sensing are illustrated in figures 1 through 3.
Figure 1 shows the device connected as a conventional 3 terminal regulator with the Sense lead connected directly to the output
of the device. Rp is the parasitic resistance of the connections between the device and the load. Trace A of figure 3 illustrates the
effect of Rp.
Figure 2 shows the device connected to take advantage of the remote sense feature. The Sense pin and the top of the resistor
divider are connected to the top of the load; the bottom of the resistor divider is connected to the bottom of the load. The effect on
the output regulation can be seen in trace B of figure 3.
It is important to note that the voltage drops due to Rp are not eliminated; they will add to the dropout voltage of the regulator
regardless. The CM1581 adjustable can control the voltage at the load as long as the input-output voltage is greater than the total
of the dropout voltage of the device plus the voltage drop across Rp.


Similar Part No. - CM1581CN263

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM158 VCC-CM158 Datasheet
32Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
CM1580 CML-CM1580 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1580 VCC-CM1580 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
logo
List of Unclassifed Man...
CM1582 ETC2-CM1582 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
CM1582CN220 ETC2-CM1582CN220 Datasheet
256Kb / 11P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1581CN263

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com