Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF16C05 Datasheet(PDF) 1 Page - First Components International

Part # UF16C05
Description  16 Amp ULTRAFAST SWITCHMODE POWER PLASTIC RECTIFIERS Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UF16C05 Datasheet(HTML) 1 Page - First Components International

  UF16C05 Datasheet HTML 1Page - First Components International UF16C05 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
UF16C05 . . . 60 Series
Average Forward Rectified Current...I
F(av)
T
C = 150°C @ Rated VDC
Repetitive Peak Forward Surge Current...I
FM
@ Rated V
DC, Square Wave, 20 kHz, TC = 150°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Cond., ½ Wave, Single Phase, 60Hz
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
@ I
F = 8 Amps, PW = 300µsTC = 150°C
T
C =25°C
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C =150°C
T
C =25°C
Maximum Reverse Recovery Time...t
RR
I
F = 1.0 Amp, di/dt = 50 Amps/µs
Page 4-36
05
10
15
20
30
40
50
60
50
100
150
200
300
400
500
600
50
100
150
200
300
400
500
600
50
100
150
200
300
400
500
600
35
70
105
140
210
280
350
420
Data Sheet
16 Amp ULTRAFAST
SWITCHMODEPOWER
PLASTICRECTIFIERS
Units
Volts
Volts
Volts
Volts
Amps
Amps
Amps
Amps
°C
Volts
Volts
µAmps
µAmps
ns
n ULTRAFAST RECOVERY TIME
n MEETS UL SPECIFICATION 94V-0
n LOW FORWARD VOLTAGE
n HIGH SURGE CAPABILITY
........................................ -65 to 150 .........................................
............................................. 8.0 ...............................................
............................................. 16 ...............................................
............................................. 16 ...............................................
............................................. 125 ...............................................
< ................ 35 ............... > < .................. 50 .................. >
< ................ 0.895 ............... > < ..... 1.0 ... > < ..... 1.2 ..... >
< ................ 0.975 ............... > < ..... 1.3 ... > < ..... 1.5 ..... >
............................................. 500 ...............................................
............................................. 10 ...............................................
JEDEC
TO-220AB
1
1
1
3
3
3
2
2
2
Double Suffix ‘‘D’’
Common Anode Suffix ‘‘A’’
Common Cathode Suffix ‘‘C’’
CASE
CASE
CASE
Electrical Characteristics


Similar Part No. - UF16C05

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UF16C05 FCI-UF16C05 Datasheet
1Mb / 2P
   16 Amp ULTRAFAST SWITCH MODEPOWER PLASTICRECTIFIERS HIGH SURGE CAP ABILITY
logo
YENYO TECHNOLOGY Co., L...
UF16C05C YENYO-UF16C05C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
Comchip Technology
UF16C05C-G COMCHIP-UF16C05C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF16C05CF YENYO-UF16C05CF Datasheet
671Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
Comchip Technology
UF16C05CF-G COMCHIP-UF16C05CF-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results

Similar Description - UF16C05

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UF30C05 FCI-UF30C05 Datasheet
131Kb / 2P
   30 Amp ULTRAFAST SWITCHMODE POWER PLASTIC RECTIFIERS
VF16C05 FCI-VF16C05 Datasheet
134Kb / 2P
   16 Amp SUPERFAST POWER RECTIFIERS Mechanical Dimensions
logo
Mospec Semiconductor
URAF1030 MOSPEC-URAF1030 Datasheet
146Kb / 2P
   Switchmode Full Plastic Ultrafast Power Rectifiers
logo
First Components Intern...
FR80 FCI-FR80 Datasheet
134Kb / 2P
   8.0 Amp FAST RECOVERY PLASTIC RECTIFIERS Mechanical Dimensions
logo
Mospec Semiconductor
URAF0870 MOSPEC-URAF0870 Datasheet
149Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1005 MOSPEC-URF1005 Datasheet
174Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1030 MOSPEC-URF1030 Datasheet
145Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1230 MOSPEC-URF1230 Datasheet
199Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1605 MOSPEC-URF1605 Datasheet
190Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF0605 MOSPEC-URF0605 Datasheet
180Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com