Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML5103PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLML5103PBF
Description  HEXFET-R POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103PBF Datasheet(HTML) 5 Page - International Rectifier

  IRLML5103PBF Datasheet HTML 1Page - International Rectifier IRLML5103PBF Datasheet HTML 2Page - International Rectifier IRLML5103PBF Datasheet HTML 3Page - International Rectifier IRLML5103PBF Datasheet HTML 4Page - International Rectifier IRLML5103PBF Datasheet HTML 5Page - International Rectifier IRLML5103PBF Datasheet HTML 6Page - International Rectifier IRLML5103PBF Datasheet HTML 7Page - International Rectifier IRLML5103PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRLML5103PbF
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
VDS
-10V
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
Fig 9a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
Fig 9b. Gate Charge Test Circuit
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRLML5103PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML5103PBF IRF-IRLML5103PBF Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML5103PBF-1 IRF-IRLML5103PBF-1 Datasheet
275Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML5103PBF-1 IRF-IRLML5103PBF-1_15 Datasheet
275Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML5103PBF IRF-IRLML5103PBF_11 Datasheet
222Kb / 8P
   Lead-Free, Fast Switching, Available in Tape and Reel
IRLML5103PBF IRF-IRLML5103PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
More results

Similar Description - IRLML5103PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44NPBF IRF-IRFZ44NPBF Datasheet
150Kb / 8P
   HEXFET-R Power MOSFET
IRFPS40N60K IRF-IRFPS40N60K Datasheet
140Kb / 8P
   HEXFET-R Power MOSFET
IRL1404S IRF-IRL1404S Datasheet
134Kb / 10P
   HEXFET-R Power MOSFET
IRL640S IRF-IRL640S Datasheet
271Kb / 8P
   HEXFET-R POWER MOSFET
IRLI520G IRF-IRLI520G Datasheet
179Kb / 6P
   HEXFET-R POWER MOSFET
IRF740LCPBF IRF-IRF740LCPBF Datasheet
1Mb / 8P
   HEXFET-R POWER MOSFET
IRFI9Z14G IRF-IRFI9Z14G Datasheet
184Kb / 6P
   HEXFET-R POWER MOSFET
IRFBC40LC IRF-IRFBC40LC Datasheet
176Kb / 8P
   HEXFET-R POWER MOSFET
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com