Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24022 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # S24022
Description  Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S24022 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button S24022 Datasheet HTML 3Page - Summit Microelectronics, Inc. S24022 Datasheet HTML 4Page - Summit Microelectronics, Inc. S24022 Datasheet HTML 5Page - Summit Microelectronics, Inc. S24022 Datasheet HTML 6Page - Summit Microelectronics, Inc. S24022 Datasheet HTML 7Page - Summit Microelectronics, Inc. S24022 Datasheet HTML 8Page - Summit Microelectronics, Inc. S24022 Datasheet HTML 9Page - Summit Microelectronics, Inc. S24022 Datasheet HTML 10Page - Summit Microelectronics, Inc. S24022 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
S24022/S24023
7
2010 1.4 5/3/98
FIGURE 8. RANDOM ADDRESS BYTE READ MODE
Random Address Byte Read
Random address read operations allow the master to
access any memory location in a random fashion. This
operation involves a two-step process. First, the master
issues a write command which includes the start condi-
tion and the slave address field (with the R/W bit set to
WRITE) followed by the address of the word it is to read.
This procedure sets the internal address counter of the
S24022/23 to the desired address.
After the word address acknowledge is received by the
master, the master immediately reissues a start condition
followed by another slave address field with the R/W bit
set to READ. The S24022/23 will respond with an ac-
knowledge and then transmit the 8-data bits stored at the
addressed location. At this point, the master does not
acknowledge the transmission but does generate the stop
condition. The S24022/23 discontinues data transmis-
sion and reverts to its standby power mode. See Figure 8
for the address, acknowledge and data transfer se-
quence.
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
S
T
A
R
T
S
T
O
P
A
C
K
Slave Address
Slave Address
Device
Type
Address
Read/Write
0= Write
Device
Type
Address
SDA Bus
Activity
S
T
A
R
T
Read/Write
1= Read
A
C
K
A
C
K
Master sends Read
request to Slave
Master Writes Word
Address to Slave
Master Requests
Data from Slave
Slave sends
Data to Master
10 1 0
10 1 0
1
0
XX
R
W
XX
R
W
XX
Lack of ACK (low)
from Master
determines last
data byte to be read
1
Slave Transmitter
to
Master Receiver
Slave Transmitter
to
Master Receiver
Shading Denotes
24022/23
SDA Output Active
Slave Transmitter
to
Master Receiver
Master Transmitter
to
Slave Receiver
Master Transmitter
to
Slave Receiver
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
Data Byte
2010 ILL11 1.2


Similar Part No. - S24022

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022S2.7 SUMMIT-S24022S2.7 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022S2.7T SUMMIT-S24022S2.7T Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022SA SUMMIT-S24022SA Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022SAT SUMMIT-S24022SAT Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24022SB SUMMIT-S24022SB Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
More results

Similar Description - S24022

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
S24163 SUMMIT-S24163 Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
logo
Maxim Integrated Produc...
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com